Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC908QT4 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC68HC908QT4
Description  Water Level Monitoring
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908QT4 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC68HC908QT4 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HC908QT4 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC908QT4 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC908QT4 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC908QT4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC908QT4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC908QT4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC908QT4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC908QT4 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AN1950
Sensors
Freescale Semiconductor
3
Figure 3. Amplification Scheme
Microprocessor
To provide the signal processing for pressure values, a
microprocessor is needed. The MCU chosen for this
application is the MC68HC908QT4. This MCU is perfect for
appliance applications due to its low cost, small eight-pin
package, and other on-chip resources. The MC68HC908QT4
provides: a four-channel, eight-bit A/D, a 16-bit timer, a
trimmable internal timer, and in-system FLASH programming.
The central processing unit is based on the high
performance M68HC08 CPU core and it can address 64
Kbytes of memory space. The MC68HC908QT4 provides
4096 bytes of user FLASH and 128 bytes of random access
memory (RAM) for ease of software development and
maintenance. There are five bi-directional input/output lines
and one input line shared with other pin features.
The MCU is available in eight-pin as well as 16-pin
packages in both PDIP and SOIC. For this application, the
eight-pin PDIP was selected. The eight-pin PDIP was chosen
for a small package, eventually to be designed into
applications as the eight-pin SOIC. The PDIP enables the
customer to reprogram the software on a programming board
and retest.
Display
Depending on the quality of the display required, water
level and water flow can be shown with two LEDs. If a higher
quality, digital output is needed, an optional LCD interface is
provided on the reference board. Using a shift register to hold
display data, the LCD is driven with only three lines outputted
from the microcontroller: an enable line, a data line, and a
clock signal. The two LEDs are multiplexed with the data line
and clock signal
Figure 4. Multiplexed LCD Circuit
Multiplexing of the microcontroller output pins allows
communication of the LCD to be accomplished with three pins
instead of eight or 11 pins of I/O lines usually needed. With an
eight-bit shift register, we are able to manually clock in eight
bits of data. The enable line (EN) is manually accepted when
eight bytes have been shifted in, telling the LCD the data on
the data bus is available to execute.
The LEDs are used to show pressure output data by
displaying binary values corresponding to a pressure range.
Leak detection, or water-flow speed, is displayed by blinking a
green LED at a speed relating to the speed of water flow. The
red LED displays the direction of water flow. Turning the red
LED off signifies water flowing into the tub. Turning the red
LED on signifies water flowing out of the tub, or alternatively,
there is a leak.
Digital values for water height, rate of water flow, and
calibration values are displayed if an LCD is connected to the
board
R5
10K
R7
10Ω
R8
10Ω
R6
10K
R11
1K
R9
1K
R10
500K
R12
500K
V2sensor
V4sensor
VOUT
VCC
C5
0.1µF
6
5
7
2
3
1
9
10
8
13
12
14
11
4
VCC
VA
VC
VB
+
-
+
-
+
-
+
-
HC908QT4
HC164
LCD
EN
RS
RW
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
A
B
CLK
PTA4
PTA3
PTA5
R3
R2
1K
1K


Similar Part No. - MC68HC908QT4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908QT4 MOTOROLA-MC68HC908QT4 Datasheet
2Mb / 230P
   Microcontrollers
MC68HC908QT4 MOTOROLA-MC68HC908QT4 Datasheet
1Mb / 182P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908QT4 FREESCALE-MC68HC908QT4 Datasheet
1Mb / 184P
   Microcontrollers
MC68HC908QT4 FREESCALE-MC68HC908QT4 Datasheet
768Kb / 10P
   Altimeter and Barometer System
MC68HC908QT4 FREESCALE-MC68HC908QT4 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
More results

Similar Description - MC68HC908QT4

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS7-65D FUJI-EDS7-65D Datasheet
167Kb / 4P
   WATER LEVEL TRANSMITTER
logo
Fujikura Ltd.
FPOW-08G FUJIKURA-FPOW-08G Datasheet
95Kb / 2P
   Unit/Water level sensor
logo
Cynergy3 Co
RSF10 CYNERGY3-RSF10 Datasheet
465Kb / 1P
   high level switch for boiling water
RSF20 CYNERGY3-RSF20 Datasheet
58Kb / 1P
   Low level switch for boiling water
IWSL CYNERGY3-IWSL Datasheet
1Mb / 2P
   Water approved Submersible Level Transmitter - Silicon Sensor
logo
IK Semicon Co., Ltd
KL34018 IKSEMICON-KL34018 Datasheet
1Mb / 14P
   Background noise level monitoring with long time constant
logo
Magnetrol International...
B24-1B10-KOG MAGNETROL-B24-1B10-KOG Datasheet
256Kb / 8P
   C24, C25, Boiler and Water Column Liquid Level Switches
logo
List of Unclassifed Man...
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
   Monitoring Relays Frequency Monitoring
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
   Health Monitoring (Heart Rate Monitoring,
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
   Electronic monitoring relay for temperature monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com