Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPX2010 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPX2010
Description  Washing Appliance Sensor Selection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2010 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPX2010 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2010 Datasheet HTML 6Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AN1668
Sensors
4
Freescale Semiconductor
nulled out by auto-zeroing, these errors must be accounted for
when setting the system gain (refer to AN1556 for more
details). This forces the total span of the system to be smaller,
because we must reserve an extra headroom from the total
span to account for amplifier and A/D variations (i.e., amp. sat.
voltage, power supply variation, A/D quantization error, and
gain errors). If these errors are not accounted for, it could, for
example, result in non-linearity errors if the sensor span or
offset error causes the amplified output of the sensor to reach
the saturation voltage of the amplifier.
As an example, a MPX2010 sensor system is designed
which has a range of 600 mm H2O FS range with a ±5% FS
RMS error. The system uses a +5.0 V ±5% linear regulated
power supply, a MC33272 dual op-amp and a 1% resistors.
Table 3 shows the resulting specification and component
values for the system based on MPX2010 sensor.
Note that the error due to system resolution is higher for the
MPX2010 solution (± 2 bit A/D accuracy). This is because the
MPX2010 span is limited as discussed above. Also, this
accuracy assumes that the amplifier does not induce
significant errors. As noted MPXV4006G sensor has better
overall accuracy. The system resolution is very good because
of its large span (4.6 V versus 3.0 V typical).
SUMMARY
Several washing machine solutions were examined. The
MPX10/12 solution can be expensive in terms of additional
support circuitry and the added time and labor involved during
the calibration procedure. The MPX2010 is good alternative
for high volume manufacturing because is already calibrated.
With this solution, however, the system amplifier design must
be chosen and designed carefully in order to minimize the
system error. This is a consideration when deciding to
implement a high accuracy solution with the MPX2010
because the cost of the system will go up.
The MPXV4006G solution is geared towards high volume
manufacturing because trimming, compensation and
amplification is already on board. Besides the system
simplicity and using less component, the resolution and
overall accuracy of this solution is better than the MPX2010
solution. In some cases, less components can actually
improve the reliability and manufacturability the system.
REFERENCES
[1] Benchmark of Washing Machine Mechanical Sensor,
Jack Rondoni, Freescale Semiconductor, Inc. Internal
Document.
[2] Mechanical Sensor Characterization, Ador Reodique,
Freescale Internal Document.
[3] AN1551 Low Pressure Sensing with the MPX2010
Pressure Sensor, Jeff Baum, Freescale Application Note.
[4] AN1636 Implementing Auto-Zero for Integrated Pressure
Sensors, Ador Reodique, Freescale Application Note.
[5] AN1556 Designing Sensor Performance Specifications
for MCU-based Systems, Eric Jacobsen and Jeff Baum,
Freescale Application Note.
Table 3. MPX2010 Sensor System Values
MPX2010 Sensor Design
Parameter
Description
Value
Units
VCC
Reg Power Supply
5
V
Differential Gain
Gain
433
V/V
Vout_FS
Full Scale Span
3.02
V
VREF
Offset Reference
0.66
V
Parts List
U1A,U1B
MC33272 Op-amp
R1
Gain Resistor
39.2K
R2
Gain Resistor
90.9
R3
Gain Resistor
909
R4
Gain Resistor
392K
R + S1
Level Shift Resistor
1K
R + S2
Level Shift Resistor
150
X1
MPX2010
Table 4. Performance Comparison between MPX2010 and MPXV4006G Solution
Error Contribution
MPX2010 Solution Error
(FS = 600 mm H2O)
MPXV4006G Solution Error
(FS = 612 mm H2O)
± % FS
± mm H2O
± % FS
± mm H2O
Max Sensor Error
7.19433.0018
System Resolution (A/D + Amplification)
1.30
8
0.80
5
System Error (Sensor + A/D + Amplification)
7.3
44
3.10
19
System Error with Auto-Zero
4.6
28
t3
t19


Similar Part No. - MPX2010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2010 MOTOROLA-MPX2010 Datasheet
314Kb / 12P
   10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX2010 FREESCALE-MPX2010 Datasheet
358Kb / 14P
   10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2010 FREESCALE-MPX2010 Datasheet
352Kb / 17P
   10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2010 NXP-MPX2010 Datasheet
420Kb / 17P
   10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 13, 10/2008
logo
Motorola, Inc
MPX2010D MOTOROLA-MPX2010D Datasheet
314Kb / 12P
   10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
More results

Similar Description - MPX2010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57276K0123A027 EPCOS-B57276K0123A027 Datasheet
63Kb / 3P
   Washing machines
logo
STMicroelectronics
AN2966 STMICROELECTRONICS-AN2966 Datasheet
171Kb / 8P
   Capacitor selection guide for STM8T141 capacitive sensor
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
Omron Electronics LLC
CJ1W-MAD42 OMRON-CJ1W-MAD42 Datasheet
344Kb / 15P
   CPU Selection
logo
Ledil, Inc.
CP17592 LEDIL-CP17592 Datasheet
1Mb / 4P
   Asymmetric beam for wall-washing
F15685 LEDIL-F15685 Datasheet
2Mb / 6P
   Asymmetric beam for wall-washing
logo
Intersil Corporation
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Ledil, Inc.
CA13177 LEDIL-CA13177 Datasheet
5Mb / 9P
   Asymmetric beam for wall washing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com