Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMHC3F381N8TC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXMHC3F381N8TC
Description  30V SO8 Complementary enhancement mode MOSFET H-Bridge
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMHC3F381N8TC Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXMHC3F381N8TC Datasheet HTML 2Page - Diodes Incorporated ZXMHC3F381N8TC Datasheet HTML 3Page - Diodes Incorporated ZXMHC3F381N8TC Datasheet HTML 4Page - Diodes Incorporated ZXMHC3F381N8TC Datasheet HTML 5Page - Diodes Incorporated ZXMHC3F381N8TC Datasheet HTML 6Page - Diodes Incorporated ZXMHC3F381N8TC Datasheet HTML 7Page - Diodes Incorporated ZXMHC3F381N8TC Datasheet HTML 8Page - Diodes Incorporated ZXMHC3F381N8TC Datasheet HTML 9Page - Diodes Incorporated ZXMHC3F381N8TC Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ZXMHC3F381N8
Issue 1.0 - March 2009
6
© Diodes Incorporated
www.diodes.com
N-channel typical characteristics –continued
110
0
100
200
300
400
500
600
C
RSS
C
OSS
C
ISS
V
GS
= 0V
f = 1MHz
V
DS
- Drain - Source Voltage (V)
0
1
23
45
6
7
89
0
1
2
3
4
5
6
7
8
9
10
I
D
= 5A
V
DS
= 15V
Gate-Source Voltage v Gate Charge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
Test circuits
Current
regulator
Charge
Gate charge test circuit
Switching time test circuit
Basic gate charge waveform
Switching time waveforms
D.U.T
50k
12V
Same as
D.U.T
V
GS
V
GS
VDS
VG
QGS
QGD
QG
VGS
90%
10%
t(on)
t(on)
td(on)
tr
tr
td(off)
V
DS
DD
V
R
D
R
G
V
DS
I
D
I
G


Similar Part No. - ZXMHC3F381N8TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMHC3A01N8 DIODES-ZXMHC3A01N8 Datasheet
727Kb / 11P
   30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC3A01N8TC DIODES-ZXMHC3A01N8TC Datasheet
727Kb / 11P
   30V SO8 Complementary enhancement mode MOSFET H-Bridge
logo
Zetex Semiconductors
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC3A01T8TA ZETEX-ZXMHC3A01T8TA Datasheet
285Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
More results

Similar Description - ZXMHC3F381N8TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMHC3A01N8 DIODES-ZXMHC3A01N8 Datasheet
727Kb / 11P
   30V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC6A07N8 DIODES-ZXMHC6A07N8 Datasheet
737Kb / 11P
   60V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC10A07N8 DIODES-ZXMHC10A07N8 Datasheet
727Kb / 11P
   100V SO8 Complementary enhancement mode MOSFET H-Bridge
logo
Shenzhen Winsemi Microe...
WFS5HB03N8 WINSEMI-WFS5HB03N8 Datasheet
520Kb / 10P
   30V SO8 Complementary enhancementmode MOSFET H-Bridge
logo
Diodes Incorporated
ZXMHC3A01T8 DIODES-ZXMHC3A01T8 Datasheet
273Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMHC3A01T8 ZETEX-ZXMHC3A01T8 Datasheet
285Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
DMHC3025LSD DIODES-DMHC3025LSD Datasheet
373Kb / 9P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
DMHC3025LSDQ DIODES-DMHC3025LSDQ Datasheet
349Kb / 9P
   30V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Zetex Semiconductors
ZXMC3F31DN8 ZETEX-ZXMC3F31DN8 Datasheet
351Kb / 11P
   30V SO8 Complementary dual enhancement mode MOSFET
logo
Diodes Incorporated
ZXMC3F31DN8 DIODES-ZXMC3F31DN8_15 Datasheet
332Kb / 11P
   30V SO8 Complementary dual enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com