Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY530ALH Datasheet(PDF) 1 Page - STMicroelectronics

Part # LY530ALH
Description  MEMS motion sensor: high performance 짹300 째/s analog yaw-rate gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LY530ALH Datasheet(HTML) 1 Page - STMicroelectronics

  LY530ALH Datasheet HTML 1Page - STMicroelectronics LY530ALH Datasheet HTML 2Page - STMicroelectronics LY530ALH Datasheet HTML 3Page - STMicroelectronics LY530ALH Datasheet HTML 4Page - STMicroelectronics LY530ALH Datasheet HTML 5Page - STMicroelectronics LY530ALH Datasheet HTML 6Page - STMicroelectronics LY530ALH Datasheet HTML 7Page - STMicroelectronics LY530ALH Datasheet HTML 8Page - STMicroelectronics LY530ALH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2009
Doc ID 15801 Rev 2
1/12
12
LY530ALH
MEMS motion sensor:
high performance ±300 °/s analog yaw-rate gyroscope
Features
2.7 V to 3.6 V single-supply operation
Wide operating temperature range
(-40 °C to +85 °C)
High stability overtemperature
Analog absolute angular-rate output
Two separate outputs
(1x and 4x amplified)
Integrated low-pass filters
Low power consumption
Embedded power-down
Embedded self-test
High shock and vibration survivability
ECOPACK® RoHS and “Green” compliant
(see
Section 5)
Applications
Pointing devices, remote and game controllers
Motion control with user interface
GPS navigation systems
Industrial and robotics
Description
The LY530ALH is a low-power single-axis
micromachined gyroscope capable of measuring
angular rate along yaw axis.
It provides excellent temperature stability and
high resolution over an extended operating
temperature range (-40 °C to +85 °C).
The LY530ALH has a full scale of ±300 °/s and is
capable of detecting rates with a -3 dB bandwidth
up to 140 Hz.
The gyroscope is the combination of one actuator
and one accelerometer integrated in a single
micromachined structure.
It includes a sensing element composed by single
driving mass, kept in continuos oscillating
movement and able to react when an angular rate
is applied based on the Coriolis principle.
A CMOS IC provides the measured angular rate
to the external world through an analog output
voltage, allowing high level of integration and
production trimming to better match sensing
element characteristics.
ST’s gyroscope family leverages on robust and
mature manufacturing process already used for
the production of micromachined accelerometers.
ST is already in the field with several hundreds
million sensors with excellent acceptance from
the market in terms of quality, reliability and
performance.
LY530ALH is provided in plastic land grid array
(LGA) package. Several years ago ST pioneered
successfully the usage of this package for
accelerometers. Today ST has the widest
manufacturing capability and strongest expertise
in the world for production of sensor in plastic
LGA package.
LGA-16L (5x5x1.5mm)
Table 1.
Device summary
Order code
Temperature range (°C)
Package
Packing
LY530ALH
-40 to +85
LGA-16 (5x5x1.5)
Tray
LY530ALHTR
-40 to +85
LGA-16 (5x5x1.5)
Tape and reel
www.st.com


Similar Part No. - LY530ALH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LY530ALH STMICROELECTRONICS-LY530ALH Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
More results

Similar Description - LY530ALH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LY550ALH STMICROELECTRONICS-LY550ALH Datasheet
218Kb / 12P
   MEMS motion sensor: high performance 짹500 째/s analog yaw-rate gyroscope
LY503ALH STMICROELECTRONICS-LY503ALH Datasheet
217Kb / 12P
   MEMS motion sensor: high performance 짹30 째/s analog yaw-rate gyroscope
LY5150ALH STMICROELECTRONICS-LY5150ALH Datasheet
218Kb / 12P
   MEMS motion sensor: high performance 짹1500 째/s analog yaw-rate gyroscope
LY510ALH STMICROELECTRONICS-LY510ALH Datasheet
217Kb / 12P
   MEMS motion sensor: high performance 짹100 째/s analog yaw-rate gyroscope
LY330ALH STMICROELECTRONICS-LY330ALH Datasheet
272Kb / 16P
   MEMS motion sensor: high performance 짹300 dps analog yaw-rate gyroscope
LY3200ALH STMICROELECTRONICS-LY3200ALH Datasheet
239Kb / 13P
   MEMS motion sensor: high performance 짹2000 dps analog yaw-rate gyroscope
LY3100ALH STMICROELECTRONICS-LY3100ALH Datasheet
239Kb / 13P
   MEMS motion sensor: high performance 짹1000 dps analog yaw-rate gyroscope
LPY430AL STMICROELECTRONICS-LPY430AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹300 dps analog gyroscope
LPY530AL STMICROELECTRONICS-LPY530AL Datasheet
228Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹300째/s analog gyroscope
LPY503AL STMICROELECTRONICS-LPY503AL Datasheet
228Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹30째/s analog gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com