Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY510ALHTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # LY510ALHTR
Description  MEMS motion sensor: high performance 짹100 째/s analog yaw-rate gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LY510ALHTR Datasheet(HTML) 4 Page - STMicroelectronics

  LY510ALHTR Datasheet HTML 1Page - STMicroelectronics LY510ALHTR Datasheet HTML 2Page - STMicroelectronics LY510ALHTR Datasheet HTML 3Page - STMicroelectronics LY510ALHTR Datasheet HTML 4Page - STMicroelectronics LY510ALHTR Datasheet HTML 5Page - STMicroelectronics LY510ALHTR Datasheet HTML 6Page - STMicroelectronics LY510ALHTR Datasheet HTML 7Page - STMicroelectronics LY510ALHTR Datasheet HTML 8Page - STMicroelectronics LY510ALHTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Block diagram and pin description
LY510ALH
4/12
Doc ID 15800 Rev 2
Table 2.
Pin description
Pin #
Pin name
Analog function
1
GND
0V supply voltage
2
FILTVDD
PLL filter connection pin #2
3
VCONT
PLL filter connection pin #1
4
Res
Leave unconnected
5
Res
Leave unconnected
6
Res
Leave unconnected
7
Vref
Reference voltage
8
4xOUTZ
Z rate signal output voltage (amplified)
9
4xINZ
Input of 4x amplifier
10
OUTZ
Not amplified output
11
ST
Self-test (logic 0: normal mode; logic 1: self-test)
12
PD
Power-down (logic 0: normal mode; logic 1: power-down
mode)
13
HP
High pass filter reset (logic 0: normal operation mode;
logic1: external high pass filter is reset)
14,15
Res
Reserved. Connect to Vdd
16
Vdd
Power supply


Similar Part No. - LY510ALHTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LY510ALHTR STMICROELECTRONICS-LY510ALHTR Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
More results

Similar Description - LY510ALHTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LY550ALH STMICROELECTRONICS-LY550ALH Datasheet
218Kb / 12P
   MEMS motion sensor: high performance 짹500 째/s analog yaw-rate gyroscope
LY503ALH STMICROELECTRONICS-LY503ALH Datasheet
217Kb / 12P
   MEMS motion sensor: high performance 짹30 째/s analog yaw-rate gyroscope
LY5150ALH STMICROELECTRONICS-LY5150ALH Datasheet
218Kb / 12P
   MEMS motion sensor: high performance 짹1500 째/s analog yaw-rate gyroscope
LY530ALH STMICROELECTRONICS-LY530ALH Datasheet
218Kb / 12P
   MEMS motion sensor: high performance 짹300 째/s analog yaw-rate gyroscope
LY3200ALH STMICROELECTRONICS-LY3200ALH Datasheet
239Kb / 13P
   MEMS motion sensor: high performance 짹2000 dps analog yaw-rate gyroscope
LY330ALH STMICROELECTRONICS-LY330ALH Datasheet
272Kb / 16P
   MEMS motion sensor: high performance 짹300 dps analog yaw-rate gyroscope
LY3100ALH STMICROELECTRONICS-LY3100ALH Datasheet
239Kb / 13P
   MEMS motion sensor: high performance 짹1000 dps analog yaw-rate gyroscope
LPY410AL STMICROELECTRONICS-LPY410AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹100 dps analog gyroscope
LPY530AL STMICROELECTRONICS-LPY530AL Datasheet
228Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹300째/s analog gyroscope
LPY503AL STMICROELECTRONICS-LPY503AL Datasheet
228Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹30째/s analog gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com