Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3L1G66GM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NX3L1G66GM
Description  Low-ohmic single-pole single-throw analog switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L1G66GM Datasheet(HTML) 4 Page - NXP Semiconductors

  NX3L1G66GM Datasheet HTML 1Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 2Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 3Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 4Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 5Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 6Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 7Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 8Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NX3L1G66_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 18 August 2009
4 of 18
NXP Semiconductors
NX3L1G66
Low-ohmic single-pole single-throw analog switch
10. Recommended operating conditions
[1]
To avoid sinking GND current from terminal Z when switch current flows in terminal Y, the voltage drop across the bidirectional switch
must not exceed 0.4 V. If the switch current flows into terminal Z, no GND current will flow from terminal Y. In this case, there is no limit
for the voltage drop across the switch.
[2]
Applies to control signal levels.
11. Static characteristics
Table 6.
Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.4
4.3
V
VI
input voltage
enable input E
0
4.3
V
VSW
switch voltage
[1] 0VCC
V
Tamb
ambient temperature
−40
+125
°C
∆t/∆V
input transition rise and fall rate
VCC = 1.4 V to 4.3 V
[2] -
200
ns/V
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
Tamb = 25 °C
Tamb = −40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
VIH
HIGH-level
input voltage
VCC = 1.4 V to 1.95 V
0.65VCC
-
-
0.65VCC
--
V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
-
V
VCC = 3.6 V to 4.3 V
0.7VCC
-
-
0.7VCC
--
V
VIL
LOW-level
input voltage
VCC = 1.4 V to 1.95 V
-
-
0.35VCC
-
0.35VCC 0.35VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
0.8
V
VCC = 3.6 V to 4.3 V
-
-
0.3VCC
-
0.3VCC
0.3VCC V
II
input leakage
current
enable input E;
VI = GND to 4.3 V;
VCC = 1.4 V to 4.3 V
---
-
±0.5
±1
µA
IS(OFF)
OFF-state
leakage
current
Y port; see Figure 5
VCC = 1.4 V to 3.6 V
-
-
±5-
±50
±500
nA
VCC = 3.6 V to 4.3 V
-
-
±10
-
±50
±500
nA
IS(ON)
ON-state
leakage
current
Z port; see Figure 6
VCC = 1.4 V to 3.6 V
-
-
±5-
±50
±500
nA
VCC = 3.6 V to 4.3 V
-
-
±10
-
±50
±500
nA
ICC
supply current
VI =VCC or GND;
VSW = GND or VCC
VCC = 3.6 V
-
-
100
-
690
6000
nA
VCC = 4.3 V
-
-
150
-
800
7000
nA


Similar Part No. - NX3L1G66GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1G66GM PHILIPS-NX3L1G66GM Datasheet
114Kb / 16P
   Low-voltage analog switch
Rev. 01-3 January 2008
NX3L1G66GM NXP-NX3L1G66GM Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
More results

Similar Description - NX3L1G66GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
NX3L1G384 NXP-NX3L1G384 Datasheet
148Kb / 17P
   Low-ohmic single-pole single-throw analog switch
Rev. 03-17 August 2009
NX3L1G66 PHILIPS-NX3L1G66_15 Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
NX3L1T384 PHILIPS-NX3L1T384_15 Datasheet
174Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 3-9 November 2011
NX3L1T384 NXP-NX3L1T384 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-29 September 2009
NX3V1G66 NXP-NX3V1G66_10 Datasheet
441Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 05-24 March 2010
NX3L1T66 NXP-NX3L1T66 Datasheet
144Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-14 September 2009
NX3V1G384GW-125 PHILIPS-NX3V1G384GW-125 Datasheet
171Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 6-4 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com