Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3L1G66GW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NX3L1G66GW
Description  Low-ohmic single-pole single-throw analog switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L1G66GW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NX3L1G66GW Datasheet HTML 2Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 3Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 4Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 5Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 6Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 7Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 8Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 9Page - NXP Semiconductors NX3L1G66GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NX3L1G66_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 18 August 2009
6 of 18
NXP Semiconductors
NX3L1G66
Low-ohmic single-pole single-throw analog switch
[1]
Typical values are measured at Tamb =25 °C.
[2]
Flatness is defined as the difference between the maximum and minimum value of ON resistance measured at identical VCC and
temperature.
11.3 ON resistance test circuit and graphs
RON(flat)
ON resistance
(flatness)
VI = GND to VCC;
ISW = 100 mA
[2]
VCC = 1.4 V
-
1.0
3.3
-
3.6
VCC = 1.65 V
-
0.5
1.2
-
1.3
VCC = 2.3 V
-
0.15
0.3
-
0.35
VCC = 2.7 V
-
0.13
0.3
-
0.35
VCC = 4.3 V
-
0.2
0.4
-
0.45
Table 8.
ON resistance …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for graphs see Figure 8 to Figure 14.
Symbol
Parameter
Conditions
Tamb = −40 °C to +85 °C Tamb = −40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
RON =VSW / ISW.
(1) VCC = 1.5 V.
(2) VCC = 1.8 V.
(3) VCC = 2.5 V.
(4) VCC = 2.7 V.
(5) VCC = 3.3 V.
(6) VCC = 4.3 V.
Measured at Tamb =25 °C.
Fig 7.
Test circuit for measuring ON resistance
Fig 8.
Typical ON resistance as a function of input
voltage
001aah375
VI
VIH
VCC
GND
Y
Z
E
VSW
ISW
VI (V)
05
4
3
12
001aag564
0.8
0.4
1.2
1.6
RON
(
Ω)
0
(1)
(2)
(5)
(6)
(4)
(3)


Similar Part No. - NX3L1G66GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1G66GW NXP-NX3L1G66GW Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
NX3L1G66GW125 NXP-NX3L1G66GW125 Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
More results

Similar Description - NX3L1G66GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
NX3L1G384 NXP-NX3L1G384 Datasheet
148Kb / 17P
   Low-ohmic single-pole single-throw analog switch
Rev. 03-17 August 2009
NX3L1G66 PHILIPS-NX3L1G66_15 Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
NX3L1T384 PHILIPS-NX3L1T384_15 Datasheet
174Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 3-9 November 2011
NX3L1T384 NXP-NX3L1T384 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-29 September 2009
NX3V1G66 NXP-NX3V1G66_10 Datasheet
441Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 05-24 March 2010
NX3L1T66 NXP-NX3L1T66 Datasheet
144Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-14 September 2009
NX3V1G384GW-125 PHILIPS-NX3V1G384GW-125 Datasheet
171Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 6-4 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com