Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTX754 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZTX754
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTX754 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZTX754 Datasheet HTML 1Page - Zetex Semiconductors ZTX754 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PNP SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 2 – JULY 94
FEATURES
* 150 Volt VCEO
* 1 Amp continuous current
* Low saturation voltage
*Ptot= 1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
ZTX754
ZTX755
UNIT
Collector-Base Voltage
VCBO
-125
-150
V
Collector-Emitter Voltage
VCEO
-125
-150
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
ZTX754
ZTX755
UNIT CONDITIONS.
MIN.
MAX. MIN.
MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
-125
-150
V
IC=-100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-125
-150
V
IC=-10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
-5
V
IE=-100µA, IC=0
Collector Cut-Off
Current
ICBO
-100
-100
nA
nA
VCB=-100V, IE=0
VCB=-125V, IE=0
Emitter Cut-Off
Current
IEBO
-100
-100
nA
VEB=-3V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.5
-0.5
-0.5
-0.5
V
V
IC=-500mA, IB=-50mA*
IC=-1A, IB=-200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.1
-1.1
V
IC=-500mA, IB=-50mA*
Base-Emitter Turn-On
Voltage
VBE(on)
-1.0
-1.0
V
IC=-500mA, VCE=-5V*
Static Forward
Current Transfer Ratio
hFE
50
50
20
50
50
20
IC=-10mA, VCE=-5V
IC=-500mA, VCE=-5V*
IC=-1A, VCE=-5V*
Transition Frequency
fT
30
30
MHz
IC=-10mA, VCE=-20V
f=20MHz
Output Capacitance
Cobo
20
20
pF
VCB=-20V, f=1MHz
E-Line
TO92 Compatible
ZTX754
ZTX755
3-263
C
B
E
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
VBE(sat) v IC
IC - Collector Current (Amps)
VBE(on) v IC
VCE - Collector Voltage (Volts)
Safe Operating Area
11000
10
100
0.01
0.1
1
10
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
300µs
0.001
0.01
10
0.1
1
20
40
60
80
100
0.2
0.001
0.1
1
0.4
0.6
1.0
0
0.001
0.01
1
0.1
0.2
0.4
0.6
0.8
VCE=5V
IC/IB=10
IC/IB=10
Switching Speeds
IC - Collector Current (Amps)
0.1
1
IB1=IB2=IC/10
0.01
ts
tf
td
tr
td
tr
tf
µs
2.0
1.0
ts
µs
0.3
0.2
0.1
0.4
0.5
0
0.01
0.0001
0.001
1
0.01
0.1
0.6
0.8
1.0
1.2
VCE=5V
0.4
0.8
ZTX754
ZTX755
VCE=10V
ZTX754
ZTX755
3-264


Similar Part No. - ZTX754

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX754 DIODES-ZTX754 Datasheet
83Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results

Similar Description - ZTX754

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX550 DIODES-ZTX550 Datasheet
96Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX552 DIODES-ZTX552 Datasheet
59Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
2N6728 ETC-2N6728 Datasheet
28Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
ZTX554 ZETEX-ZTX554 Datasheet
56Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZTX549 DIODES-ZTX549_15 Datasheet
64Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX552 DIODES-ZTX552_15 Datasheet
59Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX549 DIODES-ZTX549 Datasheet
64Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX754 DIODES-ZTX754 Datasheet
83Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX550 DIODES-ZTX550_15 Datasheet
96Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
ZTX549 ZETEX-ZTX549 Datasheet
56Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com