Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH5798-YG-13 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AH5798-YG-13
Description  SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH5798-YG-13 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AH5798-YG-13 Datasheet HTML 3Page - Diodes Incorporated AH5798-YG-13 Datasheet HTML 4Page - Diodes Incorporated AH5798-YG-13 Datasheet HTML 5Page - Diodes Incorporated AH5798-YG-13 Datasheet HTML 6Page - Diodes Incorporated AH5798-YG-13 Datasheet HTML 7Page - Diodes Incorporated AH5798-YG-13 Datasheet HTML 8Page - Diodes Incorporated AH5798-YG-13 Datasheet HTML 9Page - Diodes Incorporated AH5798-YG-13 Datasheet HTML 10Page - Diodes Incorporated AH5798-YG-13 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AH5798
SINGLE PHASE HALL EFFECT LATCH SMART
FAN MOTOR CONTROLLER
AH5798
Document number: DS32001 Rev. 2 - 2
7 of 11
www.diodes.com
June 2010
© Diodes Incorporated
Performance Characteristics
(1) SOT89-5L
TA (°C)
25
50
60
70
75
80
85
90
95
100
PD (mW)
800
640
576
512
480
448
416
384
352
320
TA (°C)
105
110
115
120
125
130
135
140
145
150
PD (mW)
288
256
224
192
160
128
96
64
32
0
Power Dis s ipation C urve
0
100
200
300
400
500
600
700
800
900
0
25
50
75
100
125
150
TA (°C )
PD (m W )
-4 0
105
(2) TSOT25
TA (°C)
25
50
60
70
75
80
85
90
95
100
PD (mW)
520
417
375
333
313
292
271
250
230
208
TA (°C)
105
110
115
120
125
130
135
140
145
150
PD (mW)
188
167
146
125
104
83
63
42
21
0
Power Dis s ipation Curv e
0
10 0
20 0
30 0
40 0
50 0
60 0
0
2 55075
10 0
12 5
1 50
TA (°C)
PD (m W )
-4 0
105
52 0


Similar Part No. - AH5798-YG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH5798-YG-13 DIODES-AH5798-YG-13 Datasheet
133Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
AH5798 Rev. 1
AH5798-YG-13 DIODES-AH5798-YG-13 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
More results

Similar Description - AH5798-YG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH5795 DIODES-AH5795 Datasheet
216Kb / 13P
   SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
AH5792 DIODES-AH5792_10 Datasheet
209Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
DS314641 Rev. 6 - 2
AH5798 DIODES-AH5798 Datasheet
133Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH SMART FAN MOTOR CONTROLLER
AH5798 Rev. 1
AH5771 DIODES-AH5771 Datasheet
173Kb / 6P
   SINGLE PHASE HALL EFFECT LATCH SMART FAN
AH5771 Rev. 3
AH2984 DIODES-AH2984 Datasheet
198Kb / 11P
   TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
DS31698 Rev. 3 - 2
AH2985 DIODES-AH2985 Datasheet
455Kb / 8P
   TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH2984 DIODES-AH2984_13 Datasheet
353Kb / 10P
   TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com