Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPY403AL Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPY403AL
Description  MEMS motion sensor: dual-axis pitch and yaw 짹30 dps analog gyroscope
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY403AL Datasheet(HTML) 1 Page - STMicroelectronics

  LPY403AL Datasheet HTML 1Page - STMicroelectronics LPY403AL Datasheet HTML 2Page - STMicroelectronics LPY403AL Datasheet HTML 3Page - STMicroelectronics LPY403AL Datasheet HTML 4Page - STMicroelectronics LPY403AL Datasheet HTML 5Page - STMicroelectronics LPY403AL Datasheet HTML 6Page - STMicroelectronics LPY403AL Datasheet HTML 7Page - STMicroelectronics LPY403AL Datasheet HTML 8Page - STMicroelectronics LPY403AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2009
Doc ID 16577 Rev 1
1/14
14
LPY403AL
MEMS motion sensor:
dual-axis pitch and yaw ±30 dps analog gyroscope
Features
2.7 V to 3.6 V single-supply operation
Wide operating temperature range
(-40 °C to +85 °C)
High stability over temperature
Analog absolute angular-rate outputs
Two separate outputs for each axis
(1x and 4x amplified)
Integrated low-pass filters
Low power consumption
Embedded power-down
Embedded self-test
Sleep mode
High shock and vibration survivability
ECOPACK® RoHS and “Green” compliant
(see
Section 6)
Applications
Image stabilization for DVC and DSC
Motion control with user interface
Industrial and robotics
Description
The LPY403AL is a low-power dual-axis micro-
machined gyroscope capable of measuring
angular rate along pitch and yaw axes.
It provides excellent temperature stability and
high resolution over an extended operating
temperature range (-40 °C to +85 °C).
The LPY403AL has a full scale of ±30 dps and is
capable of detecting rates with a -3 dB bandwidth
up to 140 Hz.
The device includes a sensing element composed
of a single driving mass, kept in continuous
oscillation and capable of reacting, based on the
Coriolis principle, when an angular rate is applied.
A CMOS IC provides the measured angular rate
to the external world through an analog output
voltage, allowing high levels of integration and
production trimming to better match sensing
element characteristics.
ST's family of gyroscopes leverages on the
mature and robust manufacturing process already
used for the production of micro-machined
accelerometers.
ST is already in the field with several hundred
million sensors which have received excellent
acceptance from the market in terms of quality,
reliability and performance.
The LPY403AL is available in a plastic land grid
array (LGA) package, which ST successfully
pioneered for accelerometers.Today ST has the
widest manufacturing capability and strongest
expertise in the world for production of sensors in
plastic LGA packages.
LGA-28 (4x5x1 mm)
Table 1.
Device summary
Order code
Temperature range (°C)
Package
Packing
LPY403AL
-40 to +85
LGA-28 (4x5x1)
Tray
LPY403ALTR
-40 to +85
LGA-28 (4x5x1)
Tape and reel
www.st.com


Similar Part No. - LPY403AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPY403AL STMICROELECTRONICS-LPY403AL Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
More results

Similar Description - LPY403AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPR403AL STMICROELECTRONICS-LPR403AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹30 dps analog gyroscope
LPY450AL STMICROELECTRONICS-LPY450AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹500 dps analog gyroscope
LPY410AL STMICROELECTRONICS-LPY410AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹100 dps analog gyroscope
LPY430AL STMICROELECTRONICS-LPY430AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹300 dps analog gyroscope
LPY4150AL STMICROELECTRONICS-LPY4150AL Datasheet
265Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹1500 dps analog gyroscope
LPR450AL STMICROELECTRONICS-LPR450AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹500 dps analog gyroscope
LPR4150AL STMICROELECTRONICS-LPR4150AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹1500 dps analog gyroscope
LPY530AL STMICROELECTRONICS-LPY530AL Datasheet
228Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹300째/s analog gyroscope
LPR430AL STMICROELECTRONICS-LPR430AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹300 dps analog gyroscope
LPR410AL STMICROELECTRONICS-LPR410AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹100 dps analog gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com