Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6563H Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6563H
Description  High voltage start-up transition-mode PFC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563H Datasheet(HTML) 1 Page - STMicroelectronics

  L6563H Datasheet HTML 1Page - STMicroelectronics L6563H Datasheet HTML 2Page - STMicroelectronics L6563H Datasheet HTML 3Page - STMicroelectronics L6563H Datasheet HTML 4Page - STMicroelectronics L6563H Datasheet HTML 5Page - STMicroelectronics L6563H Datasheet HTML 6Page - STMicroelectronics L6563H Datasheet HTML 7Page - STMicroelectronics L6563H Datasheet HTML 8Page - STMicroelectronics L6563H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
February 2010
Doc ID 16047 Rev 2
1/48
48
L6563H
High voltage start-up transition-mode PFC
Features
On-board 700 V start-up source
Tracking boost function
Fast “bidirectional” input voltage feedforward
(1/V2 correction)
Interface for cascaded converter's PWM
controller
Remote ON/OFF control
Accurate adjustable output overvoltage
protection
Protection against feedback loop
disconnection (latched shutdown)
Inductor saturation protection
Low (≤ 100 µA) start-up current
6 mA max. operating bias current
1% (@ TJ = 25 °C) internal reference voltage
-600/+800 mA totem pole gate driver with
active pull-down during UVLO
Applications
PFC pre-regulators for:
Hi-end AC-DC adapter/charger
IEC61000-3-2 or JEITA-MITI compliant SMPS,
in excess of 400 W
Figure 1.
Block diagram
SO-16
SO16
www.st.com


Similar Part No. - L6563H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563 Datasheet
765Kb / 37P
   ADVANCED TRANSITION-MODE PFC CONTROLLER
L6563 STMICROELECTRONICS-L6563 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
L6563A STMICROELECTRONICS-L6563A Datasheet
765Kb / 37P
   ADVANCED TRANSITION-MODE PFC CONTROLLER
L6563A STMICROELECTRONICS-L6563A Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
L6563ATR STMICROELECTRONICS-L6563ATR Datasheet
765Kb / 37P
   ADVANCED TRANSITION-MODE PFC CONTROLLER
More results

Similar Description - L6563H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6564H STMICROELECTRONICS-L6564H Datasheet
1Mb / 35P
   High voltage startup transition-mode PFC
June 2012 Rev 2
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
SIFIRST TECHNOLOGIES NA...
SF6562 SIFIRST-SF6562 Datasheet
65Kb / 2P
   High Performance Transition Mode PFC Controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com