Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

282TCBS103A26B1 Datasheet(PDF) 2 Page - CTS Corporation

Part # 282TCBS103A26B1
Description  Industrial 16mm Size Conductive Plastic Precision Rotary Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

282TCBS103A26B1 Datasheet(HTML) 2 Page - CTS Corporation

  282TCBS103A26B1 Datasheet HTML 1Page - CTS Corporation 282TCBS103A26B1 Datasheet HTML 2Page - CTS Corporation 282TCBS103A26B1 Datasheet HTML 3Page - CTS Corporation 282TCBS103A26B1 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
282S Metal Shaft, Bushing Mount, Solder Lug (Faston) Terminal Formed to Rear
282U Metal Shaft, Bushing Mount, PC Terminal Formed to Front
DIMENSION : mm
STANDARD TOLERANCE :
.X (1 PLACE) : ±0.3 .XX(2 PLACE): ±0.13
15.9
13.8
4.3
Ø2.8±0.2
“G”
1.0±0.1
1.6±0.2
See “Shaft Trim Options”
“A“
T1
2.5±0.2
17.4
T2
M9 X .75P or 3/8”-32 UNEF
CTS
6.3
2.8
9.0
Ø1.7(3)
DIMENSION : mm
STANDARD TOLERANCE :
.X (1 PLACE) : ±0.3 .XX(2 PLACE): ±0.13
15.9
13.8
4.3
Ø2.8±0.2
“G”
1.0±0.1
1.6±0.2
See “Shaft Trim Options”
“L”±0.4
T1
2.5±0.2
M9 X .75P or 3/8”-32 UNEF
16.5
C
±0.05
6.00
PCB LAYOUT
OPPOSITE
COMPONENT SIDE
Ø1.2
+0.2
-0 (3)
16.50±0.05
±0.05
6.00
C
17.4
T2
CTS
2
1
3
“L”±0.4
“A“
3.2
2
1
3
16.5
G
CLEARANCE HOLE
Ø3.0
+0.2
-0
CLOCKWISE
CIRCUIT
CCW
1
CW
WIPER
2
3
0.8
Locating Lug “G”
Thickness “T1”
8 mm
9.4 mm
9.8 mm
10 mm
Thickness “T2”
4.1 mm
4.5 mm
CLOCKWISE
CIRCUIT
CCW 1
CW
WIPER
2
3
Locating Lug “G”
Thickness “T1”
8 mm
9.4 mm
9.8 mm
10 mm
Thickness “T2”
4.1 mm
4.5 mm
05/17/10
2 - 4
CTS Electrocomponents
© 2010 CTS Corporation. All rights reserved. Information subject to change.
www.ctscorp.com


Similar Part No. - 282TCBS103A26B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
282TCBS103A25A1 CTS-282TCBS103A25A1 Datasheet
574Kb / 4P
   Industrial 16mm size Conductive Plastic Precision Rotary Sensor
282TCBS103A25B1 CTS-282TCBS103A25B1 Datasheet
574Kb / 4P
   Industrial 16mm size Conductive Plastic Precision Rotary Sensor
More results

Similar Description - 282TCBS103A26B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
282TAAR103A25B1 CTS-282TAAR103A25B1 Datasheet
574Kb / 4P
   Industrial 16mm size Conductive Plastic Precision Rotary Sensor
284TAAR103A24B1 CTS-284TAAR103A24B1 Datasheet
908Kb / 2P
   Industrial 16mm size slim Conductive Plastic Precision Rotary Sensor
logo
Vishay Siliconix
657 VISHAY-657_V01 Datasheet
226Kb / 3P
   Industrial Rotary Position Sensor Bushing Mount Type, Conductive Plastic
01-Jan-2022
MODEL657 VISHAY-MODEL657 Datasheet
199Kb / 3P
   Industrial Rotary Position Sensor Bushing Mount Type, Conductive Plastic
Revision: 18-Jun-07
logo
CTS Corporation
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
   Commercial Miniature 16mm Size Rotary Encoder
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
logo
Bi technologies
P160 BITECH-P160_08 Datasheet
94Kb / 4P
   16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
logo
Tyco Electronics
DP16 MACOM-DP16 Datasheet
161Kb / 2P
   16mm Rotary Encoder
logo
Bi technologies
P160 BITECH-P160 Datasheet
284Kb / 4P
   16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi - Ganged available
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com