Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSEZ1317 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSEZ1317
Description  Primary-Side-Regulation PWM with POWER MOSFET Integrated
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSEZ1317 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSEZ1317 Datasheet HTML 7Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 8Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 9Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 10Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 11Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 12Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 13Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 14Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSEZ1317 • Rev. 1.0.4
11
Cable Voltage Drop Compensation
In cellular phone charger applications, the battery is
located at the end of cable, which typically causes
several percentage of voltage drop on the battery
voltage. FSEZ1317 has a built-in cable voltage drop
compensation that provides a constant output voltage at
the end of the cable over the entire load range in CV
mode. As load increases, the voltage drop across the
cable is compensated by increasing the reference
voltage of the voltage regulation error amplifier.
Operating Current
The FSEZ1317 operating current is as small as 2.5mA,
which results in higher efficiency and reduces the VDD
hold-up capacitance requirement. Once FSEZ1317
enters “deep” green mode, the operating current is
reduced to 0.95mA, assisting the power supply in
meeting power conservation requirements.
Green-Mode Operation
The FSEZ1317 uses voltage regulation error amplifier
output (VCOMV) as an indicator of the output load and
modulates the PWM frequency as shown in Figure 26.
The switching frequency decreases as the load
decreases. In heavy load conditions, the switching
frequency is fixed at 50kHz. Once VCOMV decreases
below 2.5V, the PWM frequency linearly decreases from
50kHz. When FSEZ1317 enters deep green mode, the
PWM frequency is reduced to a minimum frequency of
370Hz, thus gaining power saving to meet international
power conservation requirements.
Figure 26. Switching Frequency in Green Mode
Frequency Hopping
EMI reduction is accomplished by frequency hopping,
which spreads the energy over a wider frequency range
than the bandwidth measured by the EMI test
equipment. FSEZ1317 has an internal frequency
hopping circuit that changes the switching frequency
between 47kHz and 53kHz over the period shown in
Figure 27.
Figure 27. Frequency Hopping
High-Voltage Startup
Figure 28 shows the HV-startup circuit for FSEZ1317
applications. The HV pin is connected to the line input or
bulk capacitor through a resistor, RSTART (100kΩ
recommended). During startup status, the internal
startup circuit is enabled. Meanwhile, line input supplies
the current, ISTARTUP, to charge the hold-up capacitor,
CDD, through RSTART. When the VDD voltage reaches
VDD-ON, the internal startup circuit is disabled, blocking
ISTARTUP from flowing into the HV pin. Once the IC turns
on, CDD is the only energy source to supply the IC
consumption current before the PWM starts to switch.
Thus, CDD must be large enough to prevent VDD from
dropping down to VDD-OFF before the power can be
delivered from the auxiliary winding.
1
8
7
5
2
3
4
Figure 28. HV Startup Circuit


Similar Part No. - FSEZ1317

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317AMY_F116 FAIRCHILD-FSEZ1317AMY_F116 Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
logo
ON Semiconductor
FSEZ1317WA ONSEMI-FSEZ1317WA Datasheet
673Kb / 17P
   Primary-Side-Regulation PWM POWER MOSFET Integrated
Rev. 1.0.2
More results

Similar Description - FSEZ1317

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1307 FAIRCHILD-FSEZ1307 Datasheet
648Kb / 16P
   Primary-Side-Regulation PWM with Power MOSFET Integrated
FSEZ1216 FAIRCHILD-FSEZ1216_09 Datasheet
825Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1016A ONSEMI-FSEZ1016A Datasheet
740Kb / 7P
   Primary-Side-Regulation PWM Integrated Power MOSFET
Rev. 1.0.3
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A_10 Datasheet
577Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216B FAIRCHILD-FSEZ1216B Datasheet
646Kb / 15P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1317WA ONSEMI-FSEZ1317WA Datasheet
673Kb / 17P
   Primary-Side-Regulation PWM POWER MOSFET Integrated
Rev. 1.0.2
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A Datasheet
602Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216 FAIRCHILD-FSEZ1216 Datasheet
539Kb / 14P
   Primary-Side-Regulation PWM Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com