Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79518DCQR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79518DCQR
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79518DCQR Datasheet(HTML) 3 Page - Texas Instruments

  TPS79518DCQR Datasheet HTML 1Page - Texas Instruments TPS79518DCQR Datasheet HTML 2Page - Texas Instruments TPS79518DCQR Datasheet HTML 3Page - Texas Instruments TPS79518DCQR Datasheet HTML 4Page - Texas Instruments TPS79518DCQR Datasheet HTML 5Page - Texas Instruments TPS79518DCQR Datasheet HTML 6Page - Texas Instruments TPS79518DCQR Datasheet HTML 7Page - Texas Instruments TPS79518DCQR Datasheet HTML 8Page - Texas Instruments TPS79518DCQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS795xx
SLVS350G – OCTOBER 2002 – REVISED JULY 2006
Over recommended operating temperature range (T
J = –40°C to +125°C), VEN = VIN, VIN = VOUT(nom) + 1 V
(1), I
OUT = 1 mA,
C
OUT = 10 µF, CNR = 0.01 µF, unless otherwise noted. Typical values are at +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage, VIN(1)
2.7
5.5
V
Internal reference, VFB (TPS79501)
1.200
1.225
1.250
V
Continuous output current, IOUT
0
500
mA
Output voltage range
TPS79501
1.225
5.5 – VDO
V
Output
TPS79501(2) 0
µA ≤ I
OUT ≤ 500 mA, VOUT + 1 V ≤ VIN ≤ 5.5 V
(1)
0.98(VOUT)
VOUT
1.02(VOUT)
V
voltage
Accuracy
Fixed VOUT
0
µA ≤ I
OUT ≤ 500 mA, VOUT + 1 V ≤ VIN ≤ 5.5 V
(1)
–2.0
+2.0
%
Output voltage line regulation (
∆V
OUT%/∆VIN)
(1)
VOUT + 1 V ≤ VIN ≤ 5.5 V
0.05
0.12
%/V
Load regulation (
∆V
OUT%/∆IOUT)
0
µA ≤ I
OUT ≤ 500 mA,
3
mV
TPS79530
IOUT = 500 mA
110
170
Dropout voltage(3)
mV
VIN = VOUT(nom) - 0.1 V
TPS79533
IOUT = 500 mA
105
160
Output current limit
VOUT = 0 V
2.4
2.8
4.2
A
Ground pin current
0
µA ≤ I
OUT ≤ 500 mA
265
385
µA
Shutdown current(4)
VEN = 0 V, 2.7 V ≤ VIN ≤ 5.5 V
0.07
1
µA
FB pin current
VFB = 1.225 V
1
µA
f = 100 Hz, IOUT = 10 mA
59
f = 100 Hz, IOUT = 500 mA
58
Power-supply ripple rejection
TPS79530
dB
f = 10 kHz, IOUT = 500 mA
50
f = 100 kHz, IOUT = 500 mA
39
CNR = 0.001 µF
46
CNR = 0.0047 µF
41
BW = 100 Hz to 100 kHz,
Output noise voltage (TPS79530)
µV
RMS
IOUT = 500 mA
CNR = 0.01 µF
35
CNR = 0.1 µF
33
CNR = 0.001 µF
50
Time, start-up (TPS79530)
RL = 6 Ω, COUT = 1 µF
CNR = 0.0047 µF
75
µs
CNR = 0.01 µF
110
High-level enable input voltage
2.7 V
≤ V
IN ≤ 5.5 V
1.7
VIN
V
Low-level enable input voltage
2.7 V
≤ V
IN ≤ 5.5 V
0.7
V
EN pin current
VEN = 0 V
1
1
µA
UVLO threshold
VCC rising
2.25
2.65
V
UVLO hysteresis
100
mV
(1)
Minimum VIN is 2.7 V or VOUT + VDO, whichever is greater.
(2)
Tolerance of external resistors not included in this specification.
(3)
Dropout is not measured for the TPS79501 and TPS79525 since minimum VIN = 2.7 V.
(4)
For adjustable version, this applies only after VIN is applied; then VEN transitions high to low.
3
Submit Documentation Feedback


Similar Part No. - TPS79518DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79518DCQR TI-TPS79518DCQR Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79518DCQR TI1-TPS79518DCQR Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79518DCQRG4 TI1-TPS79518DCQRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS79518DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI1-TPS795_16 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com