Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD7242 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7242
Description  Digital Dual Synchronous-Buck Power Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7242 Datasheet(HTML) 2 Page - Texas Instruments

  UCD7242 Datasheet HTML 1Page - Texas Instruments UCD7242 Datasheet HTML 2Page - Texas Instruments UCD7242 Datasheet HTML 3Page - Texas Instruments UCD7242 Datasheet HTML 4Page - Texas Instruments UCD7242 Datasheet HTML 5Page - Texas Instruments UCD7242 Datasheet HTML 6Page - Texas Instruments UCD7242 Datasheet HTML 7Page - Texas Instruments UCD7242 Datasheet HTML 8Page - Texas Instruments UCD7242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
31
6
21
UCD7242
V
IN
VGG
Generator
V
GG DIS
V
GG
Thermal
Sense
T
MON
22
BP3
GND
32
25
18
26
BST-B
BSW-B
SW-B
12
10
11
PGND
I
MON-B
FLT -B
SRE-B
PWM-B
8
Testmode
30
2
9
1
7
3
4
5
Current
Sense
Processor
20
28
29
27
19
Drive
Logic
13
Driver
Driver
VIN
BST-A
BSW-A
SW-A
24
23
14
Driver
Driver
VIN
VDD LDO
I
MON-A
FLT -A
SRE-A
PWM-A
Current
Sense
Processor
Drive
Logic
VIN
V
IN
V
IN
V
OUT-A
V
OUT-B
Short
VIN
15
16
PGND
17
UCD7242
SLUS962 – JANUARY 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION (CONTINUED)
On-board comparators monitor the current through the high side switch to safeguard the power stage from
sudden high current loads. Blanking delay is set for the high side comparator to avoid false reports coincident
with switching edge noise. In the event of an over-current fault, the high-side FET is turned off and the Fault Flag
(FLT) is asserted to alert the controller.
MOSFET current is measured and monitored by a precision integrated current sense element. This method
provides an accuracy of ±5% over most of the load range. The amplified signal is available for use by the
controller on the IMON pin.
An on-chip temperature sense converts the die temperature to a voltage at the TMON pin for the controller’s use.
If the die temperature exceeds 170°C, the temperature sensor initiates a thermal shutdown that halts output
switching and sets the FLT flag. Normal operation resumes when the die temperature falls below the thermal
hysteresis band.
Figure 1. Typical Application Circuit and Block Diagram
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): UCD7242


Similar Part No. - UCD7242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7242 TI-UCD7242 Datasheet
1Mb / 32P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242 TI-UCD7242 Datasheet
1Mb / 35P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242 TI1-UCD7242 Datasheet
2Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242-EP TI1-UCD7242-EP Datasheet
2Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242-EP TI1-UCD7242-EP Datasheet
1Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
More results

Similar Description - UCD7242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7242_101 TI-UCD7242_101 Datasheet
1Mb / 35P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242-EP TI1-UCD7242-EP_16 Datasheet
1Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242 TI1-UCD7242_17 Datasheet
2Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242 TI-UCD7242 Datasheet
1Mb / 32P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
UCD7242-EP TI1-UCD7242-EP Datasheet
2Mb / 36P
[Old version datasheet]   Digital Dual Synchronous-Buck Power Driver
logo
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
   Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
logo
Texas Instruments
UCD9112 TI-UCD9112 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL DUAL PHASE SYNCHRONOUS BUCK CONTROLLER
UCD9112 TI1-UCD9112_16 Datasheet
886Kb / 27P
[Old version datasheet]   Digital Dual-Phase Synchronous Buck Controller
logo
Renesas Technology Corp
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com