Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79518DCQ Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79518DCQ
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79518DCQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS79518DCQ Datasheet HTML 2Page - Texas Instruments TPS79518DCQ Datasheet HTML 3Page - Texas Instruments TPS79518DCQ Datasheet HTML 4Page - Texas Instruments TPS79518DCQ Datasheet HTML 5Page - Texas Instruments TPS79518DCQ Datasheet HTML 6Page - Texas Instruments TPS79518DCQ Datasheet HTML 7Page - Texas Instruments TPS79518DCQ Datasheet HTML 8Page - Texas Instruments TPS79518DCQ Datasheet HTML 9Page - Texas Instruments TPS79518DCQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
1
10
100
1 k
10 k
100 k 1 M
10 M
VIN = 4 V
COUT = 2.2 µF
CNR = 0.01 µF
IOUT = 1 mA
IOUT = 500 mA
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1
10
100
1 k
10 k
100 k 1 M 10 M
IOUT = 500 mA
IOUT = 1 mA
VIN = 4 V
COUT = 2.2 µF
CNR = 0.1 µF
Frequency (Hz)
0
10
20
30
40
50
60
70
80
1
10
100
1 k
10 k
100 k 1 M
10 M
VIN = 4 V
COUT = 10 µF
CNR = 0.01 µF
IOUT = 1 mA
IOUT = 500 mA
Frequency (Hz)
3
4
5
0
50
100
150
200
−10
0
10
20
30
t (
µs)
COUT = 10 µF, CNR = 0.01 µF,
IOUT = 0.5 A, dv/dt = 1 V/µs
−20
0
0.25
0.50
0.75
1
1.25
1.50
1.75
2
2.75
3
0
100
200
300
400
600
Enable
t (
µs)
VIN = 4 V
COUT = 10 µF
IOUT = 0.5 A
CNR = 0.01 µF
CNR = 0.001 µF
CNR = 0.0047 µF
500
2.25
2.50
2
3
4
0
50
100
150
200
−20
−10
0
10
20
t (
µs)
COUT = 10 µF, CNR = 0.01 µF,
IOUT = 0.5 A, dv/dt = 1 V/µs
−0.5
0
0.5
0
200
400
600
800
1000
−40
−20
0
40
t (
µs)
COUT = 10 µF, CNR = 0.01 µF,
VL = 3.8 V, dv/dt = 0.5 A/µs
20
−60
60
Time (
µs)
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VIN
VOUT
VOUT = 2.5 V,
RL = 10 Ω
400
0
800
1200
1600
2000
0
20
40
60
80
100
120
140
160
180
0
100
200
300
400
500
TJ = 125°C
TJ = 25°C
TJ = −40°C
IOUT (mA)
TPS795xx
SLVS350G – OCTOBER 2002 – REVISED JULY 2006
TYPICAL CHARACTERISTICS (continued)
TPS79530
TPS79530
TPS79530
RIPPLE REJECTION
RIPPLE REJECTION
RIPPLE REJECTION
vs FREQUENCY
vs FREQUENCY
vs FREQUENCY
Figure 10.
Figure 11.
Figure 12.
TPS79530
TPS79518
TPS79530
START-UP TIME
LINE TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 13.
Figure 14.
Figure 15.
TPS79530
TPS79530
TPS79525
DROPOUT VOLTAGE
LOAD TRANSIENT RESPONSE
POWER UP/POWER DOWN
vs OUTPUT CURRENT
Figure 16.
Figure 17.
Figure 18.
6
Submit Documentation Feedback


Similar Part No. - TPS79518DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79518DCQ TI-TPS79518DCQ Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79518DCQ TI1-TPS79518DCQ Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79518DCQG4 TI1-TPS79518DCQG4 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79518DCQR TI-TPS79518DCQR Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS79518DCQR TI1-TPS79518DCQR Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS79518DCQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79501 TI-TPS79501 Datasheet
432Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI1-TPS795_16 Datasheet
1Mb / 33P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79501-Q1 TI1-TPS79501-Q1 Datasheet
779Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 500-mA LOW-DROPOUT LINEAR REGULATORS
TPS795 TI-TPS795_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS795 Ultralow-Noise, High-PSRR, Fast, RF, 500-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
[Old version datasheet]   ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com