Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3904 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMBT3904
Description  NPN switching transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMBT3904 Datasheet(HTML) 2 Page - NXP Semiconductors

  MMBT3904 Datasheet HTML 1Page - NXP Semiconductors MMBT3904 Datasheet HTML 2Page - NXP Semiconductors MMBT3904 Datasheet HTML 3Page - NXP Semiconductors MMBT3904 Datasheet HTML 4Page - NXP Semiconductors MMBT3904 Datasheet HTML 5Page - NXP Semiconductors MMBT3904 Datasheet HTML 6Page - NXP Semiconductors MMBT3904 Datasheet HTML 7Page - NXP Semiconductors MMBT3904 Datasheet HTML 8Page - NXP Semiconductors MMBT3904 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2004 Feb 03
2
NXP Semiconductors
Product data sheet
NPN switching transistor
MMBT3904
FEATURES
• Collector current capability I
C = 200 mA
• Collector-emitter voltage V
CEO = 40 V.
APPLICATIONS
• General switching and amplification.
DESCRIPTION
NPN switching transistor in a SOT23 plastic package.
PNP complement: MMBT3906.
MARKING
Note
1.
∗ = p: Made in Hong Kong.
∗ = t: Made in Malaysia.
∗ = W: Made in China.
TYPE NUMBER
MARKING CODE(1)
MMBT3904
7A
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
handbook, halfpage
2
1
3
MAM255
Top view
2
3
1
Fig.1 Simplified outline (SOT23) and symbol.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
VCEO
collector-emitter voltage
40
V
IC
collector current (DC)
200
mA
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
MMBT3904
plastic surface mounted package; 3 leads
SOT23


Similar Part No. - MMBT3904

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MMBT3904 ALLIED-MMBT3904 Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
ON Semiconductor
MMBT3904 ONSEMI-MMBT3904 Datasheet
296Kb / 12P
   GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
FutureWafer Tech Co.,Lt...
MMBT3904 FUTUREWAFER-MMBT3904 Datasheet
1Mb / 9P
   40V Matched Pair NPN Small Signal Transistors
05-Apr-2021 V2.0
logo
Galaxy Semi-Conductor H...
MMBT3904 BILIN-MMBT3904 Datasheet
198Kb / 4P
   NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT3904 WEITRON-MMBT3904 Datasheet
146Kb / 7P
   General Purpose Transistor NPN Silicon
More results

Similar Description - MMBT3904

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com