Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC3250 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC3250
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC3250 Datasheet HTML 2Page - NXP Semiconductors LPC3250 Datasheet HTML 3Page - NXP Semiconductors LPC3250 Datasheet HTML 4Page - NXP Semiconductors LPC3250 Datasheet HTML 5Page - NXP Semiconductors LPC3250 Datasheet HTML 6Page - NXP Semiconductors LPC3250 Datasheet HTML 7Page - NXP Semiconductors LPC3250 Datasheet HTML 8Page - NXP Semiconductors LPC3250 Datasheet HTML 9Page - NXP Semiconductors LPC3250 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
6 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
C10 SPI1_DATIN/MISO0/GPI_25/
MCI1
C11 GPIO_3/KEY_ROW7/
ENET_MDIO
C12 GPO_9/LCDVD[9]
C13 GPO_8/LCDVD[8]
C14 GPI_2/CAP2[0]/
ENET_RXD3
C15 GPI_1/SERVICE
C16 GPI_0/I2S1RX_SDA
C17 KEY_ROW4/ENET_TXD0
C18 KEY_ROW5/ENET_TXD1
Row D
D1
FLASH_RDY
D2
FLASH_ALE
D3
GPO_14
D4
GPO_1
D5
USB_DAT_VP/U5_RX
D6
USB_OE_TP
D7
P0[1]/I2S1RX_WS
D8
GPO_4
D9
GPIO_2/KEY_ROW6/ENET_MDC
D10 GPO_16/MCOB0/LCDENAB/
LCDM
D11 GPO_18/MCOA0/LCDLP
D12 GPO_3/LCDVD[1]
D13 GPI_7/CAP4[0]/MCABORT
D14 PWM_OUT1/LCDVD[16]
D15 PWM_OUT2/INTSTAT/LCDVD[19]
D16 KEY_ROW3/ENET_TX_EN
D17 KEY_COL2/ENET_RX_ER
D18 KEY_COL3/ENET_CRS
Row E
E1
FLASH_IO[3]
E2
FLASH_IO[7]
E3
FLASH_CE
E4
I2C2_SDA
E5
USB_I2C_SCL
E6
USB_I2C_SDA
E7
I2S1TX_SDA/MAT3[1]
E8
GPO_11
E9
GPIO_5/SSEL0/MCI0
E10 GPO_22/U7_HRTS/LCDVD[14]
E11 GPO_10/MCOB2/LCDPWR
E12 GPI_9/KEY_COL7/ENET_COL
E13 GPI_4/SPI1_BUSY
E14 KEY_ROW1/ENET_TXD2
E15 KEY_ROW0/ENET_TX_ER
E16 KEY_COL1/ENET_RX_CLK/
ENET_REF_CLK
E17 U7_RX/CAP0[0]/LCDVD[10]/
GPI_23
E18 U7_TX/MAT1[1]/LCDVD[11]
Row F
F1
FLASH_IO[2]
F2
FLASH_WR
F3
FLASH_CLE
F4
GPI_3
F5
VSS_IOC
F6
VSS_IOB
F7
VDD_IOC
F8
VDD_IOB
F9
VDD_IOD
F10 VSS_IOD
F11 VSS_IOD
F12 VSS_IOD
F13 VDD_IOD
F14 KEY_ROW2/ENET_TXD3
F15 KEY_COL0/ENET_TX_CLK
F16 KEY_COL5/ENET_RXD1
F17 U6_IRRX/GPI_21
F18 U5_RX/GPI_20
Row G
G1
EMC_DYCS1
G2
FLASH_IO[5]
G3
FLASH_IO[6]
G4
RESOUT
G5
VSS_IOC
G6
VDD_IOC
G7
VDD_CORE
G8
VSS_CORE
G9
VDD_CORE
G10 VSS_CORE
G11 VDD_CORE
G12 VSS_CORE
G13 U7_HCTS/CAP0[1]/
LCDCLKIN/GPI_22
G14 DBGEN
G15 KEY_COL4/ENET_RXD0
G16 U6_IRTX
G17 SYSCLKEN/LCDVD[15]
G18 JTAG_TMS
Row H
H1
EMC_OE
H2
FLASH_IO[0]
H3
FLASH_IO[1]
H4
FLASH_IO[4]
H5
VSS_IOC
H6
VDD_IOC
H7
VSS_CORE
H12 VSS_IOD
H13 VDD_IOA
H14 JTAG_TCK
H15 U5_TX
Table 3.
Pin allocation table (TFBGA296)
Pin
Symbol
Pin
Symbol
Pin
Symbol


Similar Part No. - LPC3250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC3250 NXP-LPC3250 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
List of Unclassifed Man...
LPC3250 ETC2-LPC3250 Datasheet
422Kb / 6P
   OEM Board v1.5 DS
More results

Similar Description - LPC3250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC3180 NXP-LPC3180 Datasheet
845Kb / 36P
   16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 02-15 February 2007
LPC3180 PHILIPS-LPC3180 Datasheet
215Kb / 36P
   16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 01-2 June 2006
LPC2290 PHILIPS-LPC2290 Datasheet
185Kb / 41P
   16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
Rev. 01-09 February 2004
logo
Microchip Technology
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
   16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
logo
NXP Semiconductors
LPC2210 NXP-LPC2210_08 Datasheet
258Kb / 50P
   16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC2210 PHILIPS-LPC2210_15 Datasheet
273Kb / 50P
   16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
logo
Digital Core Design
DFPMU DCD-DFPMU Datasheet
138Kb / 5P
   Floating Point Coprocessor
logo
Microchip Technology
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
   64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
logo
Motorola, Inc
MC68881 MOTOROLA-MC68881 Datasheet
1Mb / 48P
   HCMOS Floating-Point Coprocessor
logo
Digital Core Design
DFPAU DCD-DFPAU Datasheet
137Kb / 5P
   Floating Point Arithmetic Coprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com