Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC3250 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC3250
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3250 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC3250 Datasheet HTML 1Page - NXP Semiconductors LPC3250 Datasheet HTML 2Page - NXP Semiconductors LPC3250 Datasheet HTML 3Page - NXP Semiconductors LPC3250 Datasheet HTML 4Page - NXP Semiconductors LPC3250 Datasheet HTML 5Page - NXP Semiconductors LPC3250 Datasheet HTML 6Page - NXP Semiconductors LPC3250 Datasheet HTML 7Page - NXP Semiconductors LPC3250 Datasheet HTML 8Page - NXP Semiconductors LPC3250 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
4 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
5.
Block diagram
Fig 1.
Block diagram of LPC3220/30/40/50
ARM
9EJS
D-CACHE
32 kB
I-CACHE
32 kB
DATA
INSTRUCTION
ethernet
PHY
interface
USB
transceiver
interface
LCD
panel
interface
EXTERNAL
MEMORY
CONTROLLER
ROM
16 kB
SRAM
256 kB
USB
DMA
ETB
SDRAM
STANDARD
UART
× 4
I2C
× 2
TIMERS
× 6
WATCHDOG
TIMER
DEBUG
SYSTEM
CONTROL
HS UART
× 3
KEY
SCANNER
10-BIT
ADC/TS
UART
CONTROL
RTC
PWM
× 2
GPIO
M1
M0
AHB
TO
APB
BRIDGE
AHB
TO
APB
BRIDGE
AHB
TO
APB
BRIDGE
master layer
01
2
3
4
5
6
slave port
0
1
7
6
5
3
2
= Master/Slave connection supported
by the multilayer AHB matrix
32 bit, AHB matrix
APB slaves
FAB slaves
AHB slaves
APB slaves
port 3
port 4
port 0
32-bit wide
external
memory
ETB
ETM 9
VFP9
LCD
ETHERNET
MOTOR
CONTROL PWM
002aae397
MMU
D-SIDE
CONTROLLER
I-SIDE
CONTROLLER
DMA
CONTROLLER
ETHERNET
10/100
MAC
USB OTG
CONTROLLER
LCD
CONTROLLER
MLC
NAND
SLC
NAND
SD
CARD
SPI
× 2
I2S
× 2
SSP
× 2
INTERRUPT
CONTROL
register interfaces


Similar Part No. - LPC3250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC3250 NXP-LPC3250 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
List of Unclassifed Man...
LPC3250 ETC2-LPC3250 Datasheet
422Kb / 6P
   OEM Board v1.5 DS
More results

Similar Description - LPC3250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC3180 NXP-LPC3180 Datasheet
845Kb / 36P
   16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 02-15 February 2007
LPC3180 PHILIPS-LPC3180 Datasheet
215Kb / 36P
   16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 01-2 June 2006
LPC2290 PHILIPS-LPC2290 Datasheet
185Kb / 41P
   16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
Rev. 01-09 February 2004
logo
Microchip Technology
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
   16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
logo
NXP Semiconductors
LPC2210 NXP-LPC2210_08 Datasheet
258Kb / 50P
   16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC2210 PHILIPS-LPC2210_15 Datasheet
273Kb / 50P
   16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
logo
Digital Core Design
DFPMU DCD-DFPMU Datasheet
138Kb / 5P
   Floating Point Coprocessor
logo
Microchip Technology
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
   64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
logo
Motorola, Inc
MC68881 MOTOROLA-MC68881 Datasheet
1Mb / 48P
   HCMOS Floating-Point Coprocessor
logo
Digital Core Design
DFPAU DCD-DFPAU Datasheet
137Kb / 5P
   Floating Point Arithmetic Coprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com