Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2927 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC2927
Description  ARM9 microcontroller with CAN, LIN, and USB
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2927 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC2927_10 Datasheet HTML 1Page - NXP Semiconductors LPC2927_10 Datasheet HTML 2Page - NXP Semiconductors LPC2927_10 Datasheet HTML 3Page - NXP Semiconductors LPC2927_10 Datasheet HTML 4Page - NXP Semiconductors LPC2927_10 Datasheet HTML 5Page - NXP Semiconductors LPC2927_10 Datasheet HTML 6Page - NXP Semiconductors LPC2927_10 Datasheet HTML 7Page - NXP Semiconductors LPC2927_10 Datasheet HTML 8Page - NXP Semiconductors LPC2927_10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
LPC2927_29_4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 14 April 2010
4 of 95
NXP Semiconductors
LPC2927/2929
ARM9 microcontroller with CAN, LIN, and USB
4.
Block diagram
Grey-shaded blocks represent peripherals and memory regions accessible by the GPDMA.
Fig 1.
LPC2927/2929 block diagram
002aae143
ARM968E-S
DTCM
32 kB
ITCM
32 kB
TEST/DEBUG
INTERFACE
master
1 master
2 slaves
EXTERNAL STATIC
MEMORY CONTROLLER
GPDMA CONTROLLER
GPDMA REGISTERS
EMBEDDED FLASH
512/768 kB
16 kB
EEPROM
EMBEDDED SRAM 32 kB
SYSTEM CONTROL
TIMER0/1 MTMR
CAN0/1
GLOBAL
ACCEPTANCE
FILTER
UART/LIN0/1
PWM0/1/2/3
3.3 V ADC1/2
EVENT ROUTER
EMBEDDED SRAM 16 kB
GENERAL PURPOSE I/O
PORTS 0/1/2/3/5
TIMER 0/1/2/3
SPI0/1/2
RS485 UART0/1
WDT
AHB TO APB
BRIDGE
AHB TO DTL
BRIDGE
VECTORED
INTERRUPT
CONTROLLER
master
master
USB OTG/DEVICE
CONTROLLER
slave
slave
slave
slave
slave
slave
slave
slave
slave
slave
slave
slave
AHB TO DTL
BRIDGE
AHB TO APB
BRIDGE
5 V ADC0
QUADRATURE
ENCODER
CHIP FEATURE ID
AHB TO APB
BRIDGE
I2C0/1
AHB TO APB
BRIDGE
CLOCK
GENERATION
UNIT
POWER
MANAGEMENT
UNIT
RESET
GENERATION
UNIT
AHB
MULTI-
LAYER
MATRIX
LPC2927/2929
JTAG
interface
8 kB SRAM
general subsystem
power. clock, and
reset subsystem
MSC subsystem
networking subsystem
peripheral subsystem


Similar Part No. - LPC2927_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2927FBD144 NXP-LPC2927FBD144 Datasheet
445Kb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2927FBD144 NXP-LPC2927FBD144 Datasheet
1Mb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
More results

Similar Description - LPC2927_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2921 NXP-LPC2921 Datasheet
391Kb / 83P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2921 NXP-LPC2921_10 Datasheet
571Kb / 84P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2926 NXP-LPC2926 Datasheet
1Mb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
LPC2939 NXP-LPC2939 Datasheet
2Mb / 99P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-7 April 2010
LPC2927 NXP-LPC2927 Datasheet
445Kb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2921 PHILIPS-LPC2921 Datasheet
458Kb / 81P
   ARM9 microcontroller with CAN, LIN, and USB device
Rev.00.01-24 October 2008
LPC2930 NXP-LPC2930 Datasheet
670Kb / 98P
   ARM9 flashless microcontroller with CAN, LIN, and USB
Rev. 03-16 April 2010
LPC2917 PHILIPS-LPC2917 Datasheet
1Mb / 68P
   ARM9 microcontroller with CAN and LIN
Rev.1.01-15 November 2007
LPC2917 NXP-LPC2917 Datasheet
411Kb / 86P
   ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
logo
Microchip Technology
PIC32 MICROCHIP-PIC32 Datasheet
1Mb / 6P
   PIC32 Microcontroller Families With USB, CAN and Ethernet
Winter 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com