Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2561DRCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2561DRCT
Description  DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2561DRCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2561DRCT Datasheet HTML 3Page - Texas Instruments TPS2561DRCT Datasheet HTML 4Page - Texas Instruments TPS2561DRCT Datasheet HTML 5Page - Texas Instruments TPS2561DRCT Datasheet HTML 6Page - Texas Instruments TPS2561DRCT Datasheet HTML 7Page - Texas Instruments TPS2561DRCT Datasheet HTML 8Page - Texas Instruments TPS2561DRCT Datasheet HTML 9Page - Texas Instruments TPS2561DRCT Datasheet HTML 10Page - Texas Instruments TPS2561DRCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
OUT1
OUT2
IN
IN
GND
FAULT 1
ILIM
EN2
24.9k
2xRFAULT
100 k
VIN = 5V
VOUT1
TPS2560 /61
0.1 uF
FaultxSignals
PowerPad
VOUT2
EN1
ControlSignals
FAULT 2
2x 150 µF
V
5V/div
OUT1
V
EN1_bar
5V/div
t-Time-2ms/div
I
2 A/div
IN
V
5V/div
OUT2
V
=V
EN1_bar
EN2_bar
V
5V/div
OUT1
V
EN1_bar
5V/div
t-Time-2ms/div
I
2 A/div
IN
V
5V/div
OUT2
V
=V
EN1_bar
EN2_bar
V
5V/div
OUT1
FAULT2_bar
5V/div
t-Time-20ms/div
I
2 A/div
IN
V
5V/div
OUT2
V
5V/div
OUT1
FAULT2_bar
5V/div
t-Time-20ms/div
I
2 A/div
IN
V
5V/div
OUT2
TPS2560
TPS2561
www.ti.com
SLVS930 – DECEMBER 2009
TYPICAL CHARACTERISTICS
Figure 5. Typical Characteristics Reference Schematic
Figure 6. Turn-on Delay and Rise Time
Figure 7. Turn-off Delay and Fall Time
Figure 8. Full-Load to Short-Circuit Transient Response
Figure 9. Short-Circuit to Full-Load Recovery Response
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2560 TPS2561


Similar Part No. - TPS2561DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2561DRCT TI-TPS2561DRCT Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2561DRCT TI1-TPS2561DRCT Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
More results

Similar Description - TPS2561DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com