Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2561 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2561
Description  DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2561 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2561 Datasheet HTML 1Page - Texas Instruments TPS2561 Datasheet HTML 2Page - Texas Instruments TPS2561 Datasheet HTML 3Page - Texas Instruments TPS2561 Datasheet HTML 4Page - Texas Instruments TPS2561 Datasheet HTML 5Page - Texas Instruments TPS2561 Datasheet HTML 6Page - Texas Instruments TPS2561 Datasheet HTML 7Page - Texas Instruments TPS2561 Datasheet HTML 8Page - Texas Instruments TPS2561 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ENx = Active Low for the TPS2560
ENx = Active High for the TPS2561
TPS2560/61
DRC PACKAGE
(TOP VIEW)
PAD
1
2
3
4
EN1
GND
IN
EN2 5
IN
9
6
OUT1
FAULT2
ILIM
7
8
OUT2
10
FAULT1
OUT1
OUT2
IN
IN
GND
FAULT1
ILIM
EN2
RILIM
2x RFAULT
100 k
Control Signal
2.5V – 6.5V
VOUT1
TPS2560/61
0.1 F
Fault Signal
PowerPad
VOUT2
EN1
Control Signal
FAULT2
Fault Signal
2x CLOAD
TPS2560
TPS2561
www.ti.com
SLVS930 – DECEMBER 2009
DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
Check for Samples: TPS2560 TPS2561
1
FEATURES
DESCRIPTION
2
Two separate current limiting channels
Meets USB Current-Limiting Requirements
The
TPS2560
and
TPS2561
are
dual-channel
power-distribution switches intended for applications
Adjustable Current Limit, 250 mA–2.8 A (typ)
where precision current limiting is required or heavy
+/- 7.5% Current-Limit Accuracy at 2.8A
capacitive loads and short circuits are encountered.
Fast Overcurrent Response - 3.5-
μS (typ)
These devices offer a programmable current-limit
threshold between 250 mA and 2.8 A (typ) per
Two 44-m
Ω High-Side MOSFETs
channel via an external resistor. The power-switch
Operating Range: 2.5 V to 6.5 V
rise and fall times are controlled to minimize current
2-
μA Maximum Standby Supply Current
surges during turn on/off.
Built-in Soft-Start
Each channel of the TPS2560/61 devices limit the
15 kV / 8 kV System-Level ESD Capable
output current to a safe level by switching into a
constant-current mode when the output load exceeds
UL Listed – File No. E169910
the current-limit threshold. The FAULTx logic output
CB & Nemko Certified
for each channel independently asserts low during
overcurrent and over temperature conditions.
APPLICATIONS
USB Ports/Hubs
Digital TV
Set-Top Boxes
VOIP Phones
Figure 1. Typical Application as USB Power Switch
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2561

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2561 TI-TPS2561 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2561-Q1 TI1-TPS2561-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCH
TPS2561A TI1-TPS2561A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561A TI1-TPS2561A Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
More results

Similar Description - TPS2561

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com