Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3110D2_0911 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA3110D2_0911
Description  15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3110D2_0911 Datasheet(HTML) 3 Page - Texas Instruments

  TPA3110D2_0911 Datasheet HTML 1Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 2Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 3Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 4Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 5Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 6Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 7Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 8Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TPA3110D2
www.ti.com................................................................................................................................................. SLOS528A – JULY 2009 – REVISED SEPTEMBER 2009
DC CHARACTERISTICS
TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0 V, Gain = 36 dB
1.5
15
mV
differentially)
ICC
Quiescent supply current
SD = 2 V, no load, PVCC = 24V
32
50
mA
ICC(SD)
Quiescent supply current in shutdown mode
SD = 0.8 V, no load, PVCC = 24V
250
400
µA
High Side
240
VCC = 12 V, IO = 500 mA,
rDS(on)
Drain-source on-state resistance
m
TJ = 25°C
Low side
240
GAIN0 = 0.8 V
19
20
21
GAIN1 = 0.8 V
dB
GAIN0 = 2 V
25
26
27
G
Gain
GAIN0 = 0.8 V
31
32
33
GAIN1 = 2 V
dB
GAIN0 = 2 V
35
36
37
ton
Turn-on time
SD = 2 V
14
ms
tOFF
Turn-off time
SD = 0.8 V
2
μs
GVDD
Gate Drive Supply
IGVDD = 100μA
6.4
6.9
7.4
V
tDCDET
DC Detect time
V(RINN) = 6V, VRINP = 0V
420
ms
DC CHARACTERISTICS
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0 V, Gain = 36 dB
1.5
15
mV
differentially)
ICC
Quiescent supply current
SD = 2 V, no load, PVCC = 12V
20
35
mA
ICC(SD)
Quiescent supply current in shutdown mode
SD = 0.8 V, no load, PVCC = 12V
200
µA
High Side
240
VCC = 12 V, IO = 500 mA,
rDS(on)
Drain-source on-state resistance
m
TJ = 25°C
Low side
240
GAIN0 = 0.8 V
19
20
21
GAIN1 = 0.8 V
dB
GAIN0 = 2 V
25
26
27
G
Gain
GAIN0 = 0.8 V
31
32
33
GAIN1 = 2 V
dB
GAIN0 = 2 V
35
36
37
tON
Turn-on time
SD = 2 V
14
ms
tOFF
Turn-off time
SD = 0.8 V
2
μs
GVDD
Gate Drive Supply
IGVDD = 2mA
6.4
6.9
7.4
V
Output Voltage maximum under PLIMIT
VO
V(PLIMIT) = 2 V; VI = 1V rms
6.75
7.90
8.75
V
control
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPA3110D2


Similar Part No. - TPA3110D2_0911

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3110D2PWP TI-TPA3110D2PWP Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWP TI-TPA3110D2PWP Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results

Similar Description - TPA3110D2_0911

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com