Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5612PHDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5612PHDR
Description  125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5612PHDR Datasheet(HTML) 5 Page - Texas Instruments

  TAS5612PHDR Datasheet HTML 1Page - Texas Instruments TAS5612PHDR Datasheet HTML 2Page - Texas Instruments TAS5612PHDR Datasheet HTML 3Page - Texas Instruments TAS5612PHDR Datasheet HTML 4Page - Texas Instruments TAS5612PHDR Datasheet HTML 5Page - Texas Instruments TAS5612PHDR Datasheet HTML 6Page - Texas Instruments TAS5612PHDR Datasheet HTML 7Page - Texas Instruments TAS5612PHDR Datasheet HTML 8Page - Texas Instruments TAS5612PHDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TAS5612A
www.ti.com
SLAS710 – JUNE 2010
PIN FUNCTIONS
PIN
Function(1)
DESCRIPTION
NAME
PHD NO.
DKD NO.
AGND
8
10
P
Analog ground
BST_A
54
43
P
HS bootstrap supply (BST), external 0.033mF capacitor to OUT_A required.
BST_B
41
34
P
HS bootstrap supply (BST), external 0.033mF capacitor to OUT_B required.
BST_C
40
33
P
HS bootstrap supply (BST), external 0.033mF capacitor to OUT_C required.
BST_D
27
24
P
HS bootstrap supply (BST), external 0.033mF capacitor to OUT_D required.
CLIP
18
O
Clipping warning; open drain; active low
C_STARTUP
3
5
O
Startup ramp requires a charging capacitor of 4.7nF to GND
TEST
12
14
I
Connect to VREG node
GND
7, 23, 24, 57, 58
9
P
Ground
GND_A
48, 49
38
P
Power ground for half-bridge A
GND_B
46, 47
37
P
Power ground for half-bridge B
GND_C
34, 35
30
P
Power ground for half-bridge C
GND_D
32, 33
29
P
Power ground for half-bridge D
GVDD_A
55
P
Gate drive voltage supply requires 0.1mF capacitor to GND
GVDD_B
56
P
Gate drive voltage supply requires 0.1mF capacitor to GND
GVDD_C
25
P
Gate drive voltage supply requires 0.1mF capacitor to GND
GVDD_D
26
P
Gate drive voltage supply requires 0.1mF capacitor to GND
GVDD_AB
44
P
Gate drive voltage supply requires 0.22mF capacitor to GND
GVDD_CD
23
P
Gate drive voltage supply requires 0.22mF capacitor to GND
INPUT_A
4
6
I
Input signal for half bridge A
INPUT_B
5
7
I
Input signal for half bridge B
INPUT_C
10
12
I
Input signal for half bridge C
INPUT_D
11
13
I
Input signal for half bridge D
M1
20
20
I
Mode selection
M2
21
21
I
Mode selection
M3
22
22
I
Mode selection
NC
59–62
No connect, pins may be grounded.
NC
13, 14
15, 16
No connect, pins may be grounded.
OC_ADJ
1
3
O
Analog overcurrent programming pin requires resistor to ground.
OTW
18
O
Overtemperature warning signal, open drain, active low.
OTW1
16
O
Overtemperature warning signal, open drain, active low.
OTW2
17
O
Overtemperature warning signal, open drain, active low.
OUT_A
52, 53
39, 40
O
Output, half bridge A
OUT_B
44, 45
36
O
Output, half bridge B
OUT_C
36, 37
31
O
Output, half bridge C
OUT_D
28, 29
27, 28
O
Output, half bridge D
PSU_REF
63
1
P
PSU Reference requires close decoupling of 4.7mF to GND
PVDD_A
50, 51
41, 42
P
Power supply input for half bridge A requires close decoupling of 2uF capacitor GND_A
PVDD_B
42, 43
35
P
Power supply input for half bridge B requires close decoupling of 2uF capacitor GND_B
PVDD_C
38, 39
32
P
Power supply input for half bridge C requires close decoupling of 2uF capacitor GND_C
PVDD_D
30, 31
25, 26
P
Power supply input for half bridge D requires close decoupling of 2uF capacitor GND_D
READY
19
19
O
Normal operation; open drain; active high
RESET
2
4
I
Device reset Input; active low
SD
15
17
O
Shutdown signal, open drain, active low
Power supply for digital voltage regulator requires a 47mF capacitor in parallel with a
VDD
64
2
P
0.1mF capacitor to GND for decoupling.
VI_CM
6
8
O
Analog comparator reference node requires close decoupling of 4.7mF to GND
VREG
9
11
P
Digital regulator supply filter pin requires 0.1mF capacitor to GND
(1)
I = Input, O = Output, P = Power
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS5612A


Similar Part No. - TAS5612PHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5612PHDR TI-TAS5612PHDR Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results

Similar Description - TAS5612PHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5612 TI-TAS5612 Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612A TI-TAS5612A_15 Datasheet
2Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5611 TI-TAS5611 Datasheet
1Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A Datasheet
1Mb / 27P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A_10 Datasheet
2Mb / 29P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614 TI-TAS5614 Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com