Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5611PHDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5611PHDR
Description  125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5611PHDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5611PHDR Datasheet HTML 2Page - Texas Instruments TAS5611PHDR Datasheet HTML 3Page - Texas Instruments TAS5611PHDR Datasheet HTML 4Page - Texas Instruments TAS5611PHDR Datasheet HTML 5Page - Texas Instruments TAS5611PHDR Datasheet HTML 6Page - Texas Instruments TAS5611PHDR Datasheet HTML 7Page - Texas Instruments TAS5611PHDR Datasheet HTML 8Page - Texas Instruments TAS5611PHDR Datasheet HTML 9Page - Texas Instruments TAS5611PHDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TAS5611A
SLAS709 – JUNE 2010
www.ti.com
PIN FUNCTIONS (continued)
PIN
FUNCTION(1)
DESCRIPTION
NAME
PHD NO.
DKD NO.
Power supply input for half bridge A requires close decoupling of 2uF capacitor
PVDD_A
50, 51
41, 42
P
GND_A
Power supply input for half bridge B requires close decoupling of 2uF capacitor
PVDD_B
42, 43
35
P
GND_B
Power supply input for half bridge C requires close decoupling of 2uF
PVDD_C
38, 39
32
P
capacitor GND_C
Power supply input for half bridge D requires close decoupling of 2uF
PVDD_D
30, 31
25, 26
P
capacitor GND_D
READY
19
19
O
Normal operation; open drain; active high
RESET
2
4
I
Device reset Input; active low
SD
15
17
O
Shutdown signal, open drain, active low
Power supply for digital voltage regulator requires a 10-mF capacitor in parallel
VDD
64
2
P
with a 0.1-mF capacitor to GND for decoupling.
VI_CM
6
8
O
Analog comparator reference node requires close decoupling of 1nF to GND
VREG
9
11
P
Digital regulator supply filter pin requires 0.1-mF capacitor to GND
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5611A


Similar Part No. - TAS5611PHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5611PHDR TI-TAS5611PHDR Datasheet
1Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611PHDR TI-TAS5611PHDR Datasheet
2Mb / 29P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results

Similar Description - TAS5611PHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5611 TI-TAS5611 Datasheet
1Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A_10 Datasheet
2Mb / 29P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5612 TI-TAS5612 Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612A TI-TAS5612A Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612A TI-TAS5612A_15 Datasheet
2Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com