Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSR700G Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZSR700G
Description  2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSR700G Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZSR700G Datasheet HTML 1Page - Zetex Semiconductors ZSR700G Datasheet HTML 2Page - Zetex Semiconductors ZSR700G Datasheet HTML 3Page - Zetex Semiconductors ZSR700G Datasheet HTML 4Page - Zetex Semiconductors ZSR700G Datasheet HTML 5Page - Zetex Semiconductors ZSR700G Datasheet HTML 6Page - Zetex Semiconductors ZSR700G Datasheet HTML 7Page - Zetex Semiconductors ZSR700G Datasheet HTML 8Page - Zetex Semiconductors ZSR700G Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ZSR
SERIES
ABSOLUTE MAXIMUM RATING
Input voltage
20V
Output Current(Io)
200mA
Operating Temperature
-55 to 125°C
Storage Temperature
-65 to 150°C
ELECTRICAL CHARACTERISTICS
Notes:
1. The maximum operating input voltage and output
current of the device will be governed by the
maximum power dissipation of the selected package.
Maximum package power dissipation is specified at
25 °C and must be linearly derated to zero at
Tamb=125°C.
2. The following data represents pulse test conditions
with junction temperatures as indicated at the
initiation of the test. Continuous operation of the
devices with the stated conditions might exceed the
power dissipation limits of the chosen package.
Power Dissipation (Tamb=25°C)
SOT223
2W(Note 3)
TO92
600mW
S08
780mW(Note 3)
3. Maximum power dissipation, for the SOT223 and
SO8 packages, is calculated assuming that the device
is mounted on a PCB measuring 2 inches square.
4. The shut down feature of the device operates if its
temperature exceeds its design limit as might occur
during external faults, short circuits etc. If the
regulator is supplied from an inductive source then a
large voltage transient, on the regulator input, can
result should the shut down circuit operate. It is
advised that a capacitor (1
µF or greater) should be
applied across the regulator input to ensure that the
maximum voltage rating of the device is not
exceeded under shutdown conditions.
ISSUE 3 - SEPTEMBER 2001
2
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
V
O
Output Voltage
2.78
2.85
2.92
V
I
O=1 to 200mA
τ 2.736
2.964
V
V
in=4.85 to 20V
I
O=1 to 100mA
τ
2.736
2.964
V
∆V
O
Line Regulation
V
in
=4.85 to 20V
10
40
mV
∆V
O
Load Regulation
I
O
=1 to 200mA
I
O=1 to 100mA
5
2
25
mV
mV
l
q
Quiescent Current
τ
350
600
µA
∆l
q
Quiescent Current
Change
I
O=1 to 200mA
V
in=4.85 to 20V
100
100
µA
µA
V
n
Output Noise Voltage
f=10Hz to 10kHz
75
µVrms
∆V
in /∆VO
Ripple Rejection
V
in=5.85 to 18V
f=120Hz
48
62
dB
V
in
Input Voltage Required
To Maintain Regulation
4.85
4.55
V
∆V
O /∆T
Average Temperature
Coefficient of V
O
I
O=5.0mA
τ
0.1
mV/°C
ZSR285 TEST CONDITIONS (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=6.85V
=Tj=-55 to 125°C


Similar Part No. - ZSR700G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSR ZETEX-ZSR Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSR1000 ZETEX-ZSR1000 Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR1000C ZETEX-ZSR1000C Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR1000G ZETEX-ZSR1000G Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
More results

Similar Description - ZSR700G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSAT600 DIODES-ZSAT600 Datasheet
86Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com