Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR24.0MXC7T Datasheet(PDF) 7 Page - TDK Electronics

Part # CCR24.0MXC7T
Description  Ceramic Resonators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CCR24.0MXC7T Datasheet(HTML) 7 Page - TDK Electronics

  CCR24.0MXC7T Datasheet HTML 1Page - TDK Electronics CCR24.0MXC7T Datasheet HTML 2Page - TDK Electronics CCR24.0MXC7T Datasheet HTML 3Page - TDK Electronics CCR24.0MXC7T Datasheet HTML 4Page - TDK Electronics CCR24.0MXC7T Datasheet HTML 5Page - TDK Electronics CCR24.0MXC7T Datasheet HTML 6Page - TDK Electronics CCR24.0MXC7T Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
(6/6)
004-04 / 20090305 / ef31_ccr.fm
• All specifications are subject to change without notice.
OSCILLATING FREQUENCY-TEMPERATURE
CHARACTERISTIC MEASURING CIRCUIT
MUC8/MXC8 TYPE 4.0 to 9.99MHz
MXC8 TYPE 10.0 to 11.0MHz
MXC7 TYPE 16.0 to 50.0MHz
MX7 TYPE 16.0 to 50.0MHz
MYC7 TYPE 24.0 to 50.0MHz
RELIABILITY AND TEST CONDITIONS
The following test items are satisfied.
(1) Oscillating frequency change: Within ±0.25%
(2) Resonant resistance change: Within ±10
(3) Appearance; serious abnormalities not to exist.
Vcc
Fosc
Vcc: 5V
Rf: 1M
IC: TC4089UBP(TOSHIBA)
Rf
Vcc
Fosc
Rf
Vcc: 5V
Rf: 1M
IC: TC74HCU04(TOSHIBA)
Rd: 220
Vcc
Fosc
Vcc: 5V
Rf: 1M
IC: TC74HCU04(TOSHIBA)
Rf
Vcc
Fosc
Vcc: 5V
Rf: 1M
IC: TC74HCU04 (TOSHIBA)
Rf
Vcc
Fosc
Rf
Vcc: 5V
Rf: 1M
IC: TC74HCU04(TOSHIBA)
Rd: 680
Test items
Test conditions
Low temperature storage
Temperature: –40±3°C
Time: 1000h
High temperature storage
Temperature: +85±2°C
Time: 1000h
Loading humidity resistance
Humidity: 90 to 95(%)RH
Temperature: 60±2°C
Time: 1000h
Thermal shock
–40°C (30min), 85°C (30min) x 100 cycles
Soldering heat resistance
Solder temperature: peak 260°C, 10s
reflow
Drop
Drop 3 times onto the concrete from a
height of 1m
Vibration
Frequency: 10
55 10Hz/min
Amplitude: 1.5mm
X, Y and Z directions for 2h each
Board bend test
Solder this product onto a glass epoxy
board (L100
× W40× T1.6mm), press it by
up to 1mm in 1mm/s and keep it for 5sec.


Similar Part No. - CCR24.0MXC7T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CCR24.0MXC7T TDK-CCR24.0MXC7T Datasheet
101Kb / 6P
   Ceramic ResonatorsSMD CCR Series
More results

Similar Description - CCR24.0MXC7T

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
   CERAMIC RESONATORS
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
   CERAMIC RESONATORS
logo
EUROQUARTZ limited
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
FCR3.45MC5 TDK-FCR3.45MC5 Datasheet
65Kb / 3P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
   CERAMIC RESONATORS
ZTB450E EUROQUARTZ-ZTB450E Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
   Ceramic Resonators
logo
Raltron Electronics Cor...
POE-A RALTRON-POE-A Datasheet
42Kb / 1P
   CERAMIC RESONATORS
POC RALTRON-POC Datasheet
34Kb / 1P
   CERAMIC RESONATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com