Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2114 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2114
Description  Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2114 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2114 Datasheet HTML 1Page - NXP Semiconductors LPC2114 Datasheet HTML 2Page - NXP Semiconductors LPC2114 Datasheet HTML 3Page - NXP Semiconductors LPC2114 Datasheet HTML 4Page - NXP Semiconductors LPC2114 Datasheet HTML 5Page - NXP Semiconductors LPC2114 Datasheet HTML 6Page - NXP Semiconductors LPC2114 Datasheet HTML 7Page - NXP Semiconductors LPC2114 Datasheet HTML 8Page - NXP Semiconductors LPC2114 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1.
General description
The LPC2114/2124 are based on a 16/32-bit ARM7TDMI-S CPU with real-time emulation
and embedded trace support, together with 128/256 kB of embedded high-speed flash
memory. A 128-bit wide memory interface and a unique accelerator architecture enable
32-bit code execution at maximum clock rate. For critical code size applications, the
alternative 16-bit Thumb mode reduces code by more than 30 % with minimal
performance penalty.
With their compact 64-pin package, low power consumption, various 32-bit timers,
4-channel 10-bit ADC, PWM channels and 46 fast GPIO lines with up to nine external
interrupt pins these microcontrollers are particularly suitable for industrial control, medical
systems, access control and point-of-sale. With a wide range of serial communications
interfaces, they are also very well suited for communication gateways, protocol converters
and embedded soft modems as well as many other general-purpose applications.
Remark: Throughout the data sheet, the term LPC2114/2124 will apply to devices with
and without the /00 or /01 suffixes. The /00 or the /01 suffix will be used to differentiate
from other devices only when necessary.
2.
Features
2.1 Key features brought by LPC2114/2124/01 devices
I Fast GPIO ports enable port pin toggling up to 3.5 times faster than the original device.
They also allow for a port pin to be read at any time regardless of its function.
I Dedicated result registers for ADC(s) reduce interrupt overhead. The ADC pads are
5 V tolerant when configured for digital I/O function(s).
I UART0/1 include fractional baud rate generator, auto-bauding capabilities and
handshake flow-control fully implemented in hardware.
I Buffered SSP serial controller supporting SPI, 4-wire SSI, and Microwire formats.
I SPI programmable data length and master mode enhancement.
I Diversified Code Read Protection (CRP) enables different security levels to be
implemented. This feature is available in LPC2114/2124/00 devices as well.
I General purpose timers can operate as external event counters.
2.2 Key features common for all devices
I 16/32-bit ARM7TDMI-S microcontroller in a tiny LQFP64 package.
I 16 kB on-chip static RAM.
LPC2114/2124
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP
flash with 10-bit ADC
Rev. 06 — 10 December 2007
Product data sheet


Similar Part No. - LPC2114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2114 PHILIPS-LPC2114 Datasheet
161Kb / 34P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
Rev. 03-22 December 2004
LPC2114 NXP-LPC2114 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114FBD01 NXP-LPC2114FBD01 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114FBD64 PHILIPS-LPC2114FBD64 Datasheet
161Kb / 34P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
Rev. 03-22 December 2004
LPC2114FBD64 NXP-LPC2114FBD64 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
More results

Similar Description - LPC2114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2114 PHILIPS-LPC2114_15 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114 NXP-LPC2114_11 Datasheet
309Kb / 42P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 7-10 June 2011
LPC2114 PHILIPS-LPC2114 Datasheet
161Kb / 34P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
Rev. 03-22 December 2004
LPC2212 NXP-LPC2212_11 Datasheet
359Kb / 47P
   Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 5-14 June 2011
LPC2119 PHILIPS-LPC2119 Datasheet
163Kb / 34P
   Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 03-22 December 2004
LPC2109 NXP-LPC2109_11 Datasheet
298Kb / 46P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2109 NXP-LPC2109 Datasheet
194Kb / 44P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 06-10 December 2007
LPC2109 PHILIPS-LPC2109_15 Datasheet
298Kb / 46P
   Single-chip 16/32-bit microcontrollers; 64/128/256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 7-14 June 2011
LPC2194 PHILIPS-LPC2194 Datasheet
158Kb / 33P
   Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 01-06 February 2004
LPC2131 PHILIPS-LPC2131_15 Datasheet
402Kb / 45P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 5.1-29 July 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com