Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFX320N17T2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFX320N17T2
Description  GigaMOS TrenchT2 HiperFET Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX320N17T2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFX320N17T2 Datasheet HTML 1Page - IXYS Corporation IXFX320N17T2 Datasheet HTML 2Page - IXYS Corporation IXFX320N17T2 Datasheet HTML 3Page - IXYS Corporation IXFX320N17T2 Datasheet HTML 4Page - IXYS Corporation IXFX320N17T2 Datasheet HTML 5Page - IXYS Corporation IXFX320N17T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFK320N17T2
IXFX320N17T2
IXYS REF:F_320N17T2(9V)9-02-09
Fig. 7. Input Admittance
0
20
40
60
80
100
120
140
160
180
200
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VGS - Volts
TJ = 150ºC
- 40ºC
25ºC
Fig. 8. Transconductance
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
140
160
180
200
ID - Amperes
TJ = - 40ºC
150ºC
25ºC
Fig. 9. Forward Voltage Drop of
Intrinsic Diode
0
50
100
150
200
250
300
350
400
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
VSD - Volts
TJ = 150ºC
TJ = 25ºC
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
700
QG - NanoCoulombs
VDS = 85V
I D = 160A
I G = 10mA
Fig. 11. Capacitance
0.1
1.0
10.0
100.0
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Forward-Bias Safe Operating Area
0.1
1.0
10.0
100.0
1,000.0
110
100
1,000
VDS - Volts
25µs
100µs
1ms
10ms
RDS(on) Limit
TJ = 175ºC
TC = 25ºC
Single Pulse
100ms
External Lead Limit
DC


Similar Part No. - IXFX320N17T2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFX32N100 ISC-IXFX32N100 Datasheet
367Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFX32N100P IXYS-IXFX32N100P Datasheet
124Kb / 4P
   Polar Power MOSFET HiPerFET
IXFX32N100Q3 IXYS-IXFX32N100Q3 Datasheet
132Kb / 5P
   HiperFET Power MOSFETs Q3-Class
IXFX32N50 IXYS-IXFX32N50 Datasheet
37Kb / 2P
   HiPerFET Power MOSFET
logo
Inchange Semiconductor ...
IXFX32N50 ISC-IXFX32N50 Datasheet
367Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFX320N17T2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK220N17T2 IXYS-IXFK220N17T2 Datasheet
184Kb / 6P
   GigaMOS TrenchT2 HiperFET Power MOSFET
IXFK360N15T2 IXYS-IXFK360N15T2 Datasheet
186Kb / 6P
   GigaMOS TrenchT2 HiperFET Power MOSFET
IXFK520N075T2 IXYS-IXFK520N075T2 Datasheet
183Kb / 6P
   TrenchT2 GigaMOS HiperFET Power MOSFET
IXFK240N15T2 IXYS-IXFK240N15T2 Datasheet
186Kb / 6P
   GigaMOS TrenchT2 HiperFET Power MOSFET
IXFN240N15T2 IXYS-IXFN240N15T2 Datasheet
178Kb / 6P
   GigaMOS TrenchT2 HiperFET Power MOSFET
IXFN320N17T2 IXYS-IXFN320N17T2 Datasheet
184Kb / 6P
   GigaMOS TrenchT2 HiperFET Power MOSFET
IXFZ520N075T2 IXYS-IXFZ520N075T2 Datasheet
205Kb / 6P
   TrenchT2 GigaMOS HiperFET Power MOSFET
IXFN520N075T2 IXYS-IXFN520N075T2 Datasheet
180Kb / 6P
   TrenchT2 GigaMOS HiperFET Power MOSFET
IXTN550N055T2 IXYS-IXTN550N055T2 Datasheet
184Kb / 6P
   TrenchT2 GigaMOS Power MOSFET
IXFH150N17T2 IXYS-IXFH150N17T2 Datasheet
186Kb / 6P
   TrenchT2 HiperFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com