Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGP30N60C3C1 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGP30N60C3C1
Description  GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP30N60C3C1 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGP30N60C3C1 Datasheet HTML 1Page - IXYS Corporation IXGP30N60C3C1 Datasheet HTML 2Page - IXYS Corporation IXGP30N60C3C1 Datasheet HTML 3Page - IXYS Corporation IXGP30N60C3C1 Datasheet HTML 4Page - IXYS Corporation IXGP30N60C3C1 Datasheet HTML 5Page - IXYS Corporation IXGP30N60C3C1 Datasheet HTML 6Page - IXYS Corporation IXGP30N60C3C1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
IXGA30N60C3C1 IXGP30N60C3C1
IXGH30N60C3C1
Fig. 1. Output Characteristics
@ 25ºC
0
5
10
15
20
25
30
35
40
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VCE - Volts
VGE = 15V
13V
7V
9V
11V
Fig. 2. Extended Output Characteristics
@ 25ºC
0
20
40
60
80
100
120
140
160
180
02468
10
12
14
16
18
20
VCE - Volts
VGE = 15V
7V
9V
11V
13V
Fig. 3. Output Characteristics
@ 125ºC
0
5
10
15
20
25
30
35
40
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
VCE - Volts
VGE = 15V
13V
11V
7V
9V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.5
0.6
0.7
0.8
0.9
1.0
1.1
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 40A
I C = 20A
I C = 10A
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emitter Voltage
2.5
3.0
3.5
4.0
4.5
5.0
5.5
7
8
9
10
11
1213
1415
VGE - Volts
I C = 40A
TJ = 25ºC
10A
20A
Fig. 6. Input Admittance
0
10
20
30
40
50
60
70
56
7
89
10
11
VGE - Volts
TJ = 125ºC
25ºC
- 40ºC


Similar Part No. - IXGP30N60C3C1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP30N60C3 IXYS-IXGP30N60C3 Datasheet
281Kb / 6P
   GenX3 600V IGBT
IXGP30N60C3 IXYS-IXGP30N60C3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGP30N60C3D4 IXYS-IXGP30N60C3D4 Datasheet
294Kb / 7P
   GenX3 600V IGBT With Diode
More results

Similar Description - IXGP30N60C3C1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH48N60B3C1 IXYS-IXGH48N60B3C1 Datasheet
193Kb / 6P
   GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
IXGR60N60C3C1 IXYS-IXGR60N60C3C1 Datasheet
199Kb / 6P
   GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
IXGH48N60C3C1 IXYS-IXGH48N60C3C1 Datasheet
191Kb / 6P
   GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
IXGH36N60B3C1 IXYS-IXGH36N60B3C1 Datasheet
186Kb / 6P
   GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
IXXH30N60B3D1 IXYS-IXXH30N60B3D1 Datasheet
199Kb / 7P
   XPTTM 600V IGBT GenX3TM w/ Diode
IXXK100N60C3H1 IXYS-IXXK100N60C3H1 Datasheet
248Kb / 7P
   XPTTM 600V GenX3TM w/ Diode
IXYB82N120C3H1 IXYS-IXYB82N120C3H1 Datasheet
222Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYN100N120C3H1 IXYS-IXYN100N120C3H1 Datasheet
187Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYH40N120B3D1 IXYS-IXYH40N120B3D1 Datasheet
193Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYR50N120C3D1 IXYS-IXYR50N120C3D1 Datasheet
197Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com