Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGP30N60C3C1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGP30N60C3C1
Description  GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP30N60C3C1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGP30N60C3C1 Datasheet HTML 1Page - IXYS Corporation IXGP30N60C3C1 Datasheet HTML 2Page - IXYS Corporation IXGP30N60C3C1 Datasheet HTML 3Page - IXYS Corporation IXGP30N60C3C1 Datasheet HTML 4Page - IXYS Corporation IXGP30N60C3C1 Datasheet HTML 5Page - IXYS Corporation IXGP30N60C3C1 Datasheet HTML 6Page - IXYS Corporation IXGP30N60C3C1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
IXGA30N60C3C1 IXGP30N60C3C1
IXGH30N60C3C1
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 20A, VCE = 10V, Note 1
9
16
S
C
ies
1075
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
196
pF
C
res
29
pF
Q
g
38
nC
Q
ge
I
C = 20A, VGE = 15V, VCE = 0.5 • VCES
8
nC
Q
gc
17
nC
t
d(on)
17
ns
t
ri
20
ns
E
on
0.12
mJ
t
d(off)
42
75
ns
t
fi
47
ns
E
off
0.09
0.18
mJ
t
d(on)
16
ns
t
ri
21
ns
E
on
0.16
mJ
t
d(off)
70
ns
t
fi
90
ns
E
off
0.33
mJ
R
thJC
0.56 °C/W
R
thCS
TO-220
0.50
°C/W
TO-247
0.21
°C/W
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2 7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Inductive Load, T
J = 25°C
I
C = 20A, VGE = 15V
V
CE = 300V, RG = 5Ω
Note 2
Inductive Load, T
J = 125°C
I
C = 20A, VGE = 15V
V
CE = 300V, RG = 5Ω
Note 2
Reverse Diode (SiC)
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
V
F
I
F = 10A, VGE = 0V, Note 1
1.65
2.10
V
T
J = 125°C
1.80
V
R
thJC
1.10 °C/W
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
Notes
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Switching times & energy losses may increase for higher V
CE(Clamp), TJ or RG.


Similar Part No. - IXGP30N60C3C1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP30N60C3 IXYS-IXGP30N60C3 Datasheet
281Kb / 6P
   GenX3 600V IGBT
IXGP30N60C3 IXYS-IXGP30N60C3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGP30N60C3D4 IXYS-IXGP30N60C3D4 Datasheet
294Kb / 7P
   GenX3 600V IGBT With Diode
More results

Similar Description - IXGP30N60C3C1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH48N60B3C1 IXYS-IXGH48N60B3C1 Datasheet
193Kb / 6P
   GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
IXGR60N60C3C1 IXYS-IXGR60N60C3C1 Datasheet
199Kb / 6P
   GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
IXGH48N60C3C1 IXYS-IXGH48N60C3C1 Datasheet
191Kb / 6P
   GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
IXGH36N60B3C1 IXYS-IXGH36N60B3C1 Datasheet
186Kb / 6P
   GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
IXXH30N60B3D1 IXYS-IXXH30N60B3D1 Datasheet
199Kb / 7P
   XPTTM 600V IGBT GenX3TM w/ Diode
IXXK100N60C3H1 IXYS-IXXK100N60C3H1 Datasheet
248Kb / 7P
   XPTTM 600V GenX3TM w/ Diode
IXYB82N120C3H1 IXYS-IXYB82N120C3H1 Datasheet
222Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYN100N120C3H1 IXYS-IXYN100N120C3H1 Datasheet
187Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYH40N120B3D1 IXYS-IXYH40N120B3D1 Datasheet
193Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
IXYR50N120C3D1 IXYS-IXYR50N120C3D1 Datasheet
197Kb / 7P
   1200V XPTTM IGBT GenX3TM w/ Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com