Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCMNNN030PC6A3 Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # SSCMNNN030PC6A3
Description  TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SSCMNNN030PC6A3 Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button SSCMNNN030PC6A3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center SSCMNNN030PC6A3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center SSCMNNN030PC6A3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center SSCMNNN030PC6A3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center SSCMNNN030PC6A3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center SSCMNNN030PC6A3 Datasheet HTML 9Page - Honeywell Solid State Electronics Center SSCMNNN030PC6A3 Datasheet HTML 10Page - Honeywell Solid State Electronics Center SSCMNNN030PC6A3 Datasheet HTML 11Page - Honeywell Solid State Electronics Center SSCMNNN030PC6A3 Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Honeywell Sensing and Control
11


Similar Part No. - SSCMNNN030PC6A3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSCMNNN030PCAA3 HONEYWELL-SSCMNNN030PCAA3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SSCMNNN030PCAA5 HONEYWELL-SSCMNNN030PCAA5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SSCMNNN030PCAB3 HONEYWELL-SSCMNNN030PCAB3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SSCMNNN030PCAB5 HONEYWELL-SSCMNNN030PCAB5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
More results

Similar Description - SSCMNNN030PC6A3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSC HONEYWELL-SSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
SSC HONEYWELL-SSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC_6 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_4 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC_7 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
SSC HONEYWELL-SSC_5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,60 mbar to 10 bar
SSC HONEYWELL-SSC_3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com