Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFX140N25T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFX140N25T
Description  GigaMOS Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX140N25T Datasheet(HTML) 1 Page - IXYS Corporation

  IXFX140N25T Datasheet HTML 1Page - IXYS Corporation IXFX140N25T Datasheet HTML 2Page - IXYS Corporation IXFX140N25T Datasheet HTML 3Page - IXYS Corporation IXFX140N25T Datasheet HTML 4Page - IXYS Corporation IXFX140N25T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
250
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
250
V
V
GSS
Continuous
± 20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
140
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
380
A
I
A
T
C = 25°C40
A
E
AS
T
C = 25°C3
J
P
D
T
C = 25°C
960
W
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
20
V/ns
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-264)
1.13/10
Nm/lb.in.
F
C
Mounting Force
(PLUS247)
20..120 /4.5..27
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
250
V
V
GS(th)
V
DS = VGS, ID = 4mA
2.5
5.0
V
I
GSS
V
GS = ± 20V, VDS = 0V
± 200 nA
I
DSS
V
DS = VDSS, VGS= 0V
50
µA
T
J = 125°C
3 mA
R
DS(on)
V
GS = 10V, ID = 60A, Note 1
17 m
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
IXFK140N25T
IXFX140N25T
V
DSS
= 250V
I
D25
= 140A
R
DS(on)
≤≤≤≤ 17m
t
rr
≤≤≤≤≤ 200ns
DS100135(03/09)
GigaMOSTM
Power MOSFET
G = Gate
D
= Drain
S = Source
TAB = Drain
PLUS247 (IXFX)
TO-264 (IXFK)
S
G
D
(TAB)
(TAB)
Features
International Standard Packages
High Current Handling Capability
Fast Intrinsic Diode
Avalanche Rated
Low R
DS(on)
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
DC-DC Converters
Battery Chargers
Switched-Mode and Resonant-Mode
Power Supplies
DC Choppers
AC Motor Drives
Uninterruptible Power Supplies
High Speed Power Switching
Applications
Advance Technical Information


Similar Part No. - IXFX140N25T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFX140N30P IXYS-IXFX140N30P Datasheet
148Kb / 5P
   Polar Power MOSFET HiPerFET
More results

Similar Description - IXFX140N25T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK160N30T IXYS-IXFK160N30T Datasheet
143Kb / 5P
   GigaMOS Power MOSFET
IXFK230N20T IXYS-IXFK230N20T Datasheet
144Kb / 5P
   GigaMOS Power MOSFET
IXFN180N25T IXYS-IXFN180N25T Datasheet
148Kb / 5P
   GigaMOS Power MOSFET
IXFK180N25T IXYS-IXFK180N25T Datasheet
144Kb / 5P
   GigaMOS Power MOSFET
IXFK170N20T IXYS-IXFK170N20T Datasheet
128Kb / 5P
   GigaMOS Power MOSFET
IXFK210N17T IXYS-IXFK210N17T Datasheet
129Kb / 5P
   GigaMOS Power MOSFET
IXFR230N20T IXYS-IXFR230N20T Datasheet
197Kb / 6P
   GigaMOS Power MOSFET
IXFN160N30T IXYS-IXFN160N30T Datasheet
148Kb / 5P
   GigaMOS Power MOSFET
IXFN260N17T IXYS-IXFN260N17T Datasheet
130Kb / 5P
   GigaMOS Power MOSFET
IXFK120N30T IXYS-IXFK120N30T Datasheet
144Kb / 5P
   GigaMOS Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com