Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

944U700K102ABM Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 944U700K102ABM
Description  Polypropylene Film Capacitors for DC Filtering
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

944U700K102ABM Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  944U700K102ABM Datasheet HTML 1Page - Cornell Dubilier Electronics 944U700K102ABM Datasheet HTML 2Page - Cornell Dubilier Electronics 944U700K102ABM Datasheet HTML 3Page - Cornell Dubilier Electronics 944U700K102ABM Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02740Phone: (508)996-8561Fax: (508)996-3830 www.cde.com
Type 944U Polypropylene Film Capacitors for DC Filtering
Typical Performance Curves
160µF 800Vdc ESR vs Frequency and Temperature
1
1.5
2
2.5
3
3.5
4
100
1000
10000
100000
Frequency (Hz)
85ºC
65ºC
45ºC
25ºC
0ºC
-20ºC
-40ºC
160µF 800Vdc Rated Ripple Current, Still Air, 5kh Life
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
10
100
1000
10000
100000
Frequency (Hz)
45ºC
55ºC
65ºC
75ºC
85ºC


Similar Part No. - 944U700K102ABM

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
944U700K122AB CDE-944U700K122AB Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
944U700K142AC CDE-944U700K142AC Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
More results

Similar Description - 944U700K102ABM

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
930 CDE-930_15 Datasheet
143Kb / 5P
   Metallized Polypropylene Capacitors for DC Filtering
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
logo
Jianghai Europe GmbH
CBB136DP JIANGHAI-CBB136DP Datasheet
566Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB138DS JIANGHAI-CBB138DS Datasheet
404Kb / 4P
   Polypropylene Film Capacitors for DC-Link Application
CBB136GDG JIANGHAI-CBB136GDG Datasheet
501Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB131DL JIANGHAI-CBB131DL Datasheet
1Mb / 8P
   Polypropylene Film Capacitors for DC-Link Applications
logo
Vishay Siliconix
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
   Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Vishay Siliconix
MKP1847AC VISHAY-MKP1847AC Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
logo
Illinois Capacitor, Inc...
472PPA302KG ILLINOISCAPACITOR-472PPA302KG Datasheet
391Kb / 5P
   Polypropylene Film Capacitors for Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com