Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFX120N30T Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFX120N30T
Description  GigaMOS Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX120N30T Datasheet(HTML) 3 Page - IXYS Corporation

  IXFX120N30T Datasheet HTML 1Page - IXYS Corporation IXFX120N30T Datasheet HTML 2Page - IXYS Corporation IXFX120N30T Datasheet HTML 3Page - IXYS Corporation IXFX120N30T Datasheet HTML 4Page - IXYS Corporation IXFX120N30T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2009 IXYS CORPORATION, All rights reserved
IXFK120N30T
IXFX120N30T
Fig. 1. Output Characteristics
@ 25ºC
0
10
20
30
40
50
60
70
80
90
100
110
120
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
VDS - Volts
VGS = 10V
7V
6V
5V
Fig. 2. Extended Output Characteristics
@ 25ºC
0
50
100
150
200
250
300
0
2
4
6
8
1012
14
1618
20
VDS - Volts
VGS = 10V
8V
5V
6V
7V
Fig. 3. Output Characteristics
@ 125ºC
0
10
20
30
40
50
60
70
80
90
100
110
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDS - Volts
VGS = 10V
7V
6V
5V
Fig. 4. RDS(on) Normalized to ID = 60A Value
vs. Junction Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 120A
I D = 60A
Fig. 5. RDS(on) Normalized to ID = 60A Value
vs. Drain Current
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
20
40
60
80
100 120 140 160 180 200 220 240 260 280
ID - Amperes
VGS = 10V
TJ = 125ºC
TJ = 25ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade


Similar Part No. - IXFX120N30T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFX120N30 ISC-IXFX120N30 Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFX120N30P3 IXYS-IXFX120N30P3 Datasheet
132Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
More results

Similar Description - IXFX120N30T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK160N30T IXYS-IXFK160N30T Datasheet
143Kb / 5P
   GigaMOS Power MOSFET
IXFK230N20T IXYS-IXFK230N20T Datasheet
144Kb / 5P
   GigaMOS Power MOSFET
IXFN180N25T IXYS-IXFN180N25T Datasheet
148Kb / 5P
   GigaMOS Power MOSFET
IXFK180N25T IXYS-IXFK180N25T Datasheet
144Kb / 5P
   GigaMOS Power MOSFET
IXFK170N20T IXYS-IXFK170N20T Datasheet
128Kb / 5P
   GigaMOS Power MOSFET
IXFK140N25T IXYS-IXFK140N25T Datasheet
144Kb / 5P
   GigaMOS Power MOSFET
IXFK210N17T IXYS-IXFK210N17T Datasheet
129Kb / 5P
   GigaMOS Power MOSFET
IXFR230N20T IXYS-IXFR230N20T Datasheet
197Kb / 6P
   GigaMOS Power MOSFET
IXFN160N30T IXYS-IXFN160N30T Datasheet
148Kb / 5P
   GigaMOS Power MOSFET
IXFN260N17T IXYS-IXFN260N17T Datasheet
130Kb / 5P
   GigaMOS Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com