Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP4253CZ16-8 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IP4253CZ16-8
Description  Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4253CZ16-8 Datasheet(HTML) 1 Page - NXP Semiconductors

  IP4253CZ16-8 Datasheet HTML 1Page - NXP Semiconductors IP4253CZ16-8 Datasheet HTML 2Page - NXP Semiconductors IP4253CZ16-8 Datasheet HTML 3Page - NXP Semiconductors IP4253CZ16-8 Datasheet HTML 4Page - NXP Semiconductors IP4253CZ16-8 Datasheet HTML 5Page - NXP Semiconductors IP4253CZ16-8 Datasheet HTML 6Page - NXP Semiconductors IP4253CZ16-8 Datasheet HTML 7Page - NXP Semiconductors IP4253CZ16-8 Datasheet HTML 8Page - NXP Semiconductors IP4253CZ16-8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
Product profile
1.1 General description
The IP425x family consists of 4-, 6- and 8-channel RC low-pass filter arrays which are
designed to provide filtering of undesired RF signals on the I/O ports of portable
communication or computing devices. In addition, the IP425x family incorporates diodes
to provide protection to downstream components from ElectroStatic Discharge (ESD)
voltages as high as
±30 kV.
The IP425x family is fabricated using monolithic silicon technology and integrates up to 8
resistors and 16 diodes in a 0.4 mm pitch 8-, 12- or 16-pin MicroPak (compatible with
QFN) lead-free plastic package with a height of 0.5 mm only.
1.2 Features
I Pb-free, Restriction of the use of certain Hazardous Substances (RoHS) and dark
green compliant
I 4-, 6- and 8-channel integrated π-type RC filter network
I IP4251CZ8/CZ12/CZ16: 100 Ω channel series resistance, 10 pF (at 2.5 V DC)
channel capacitance
I IP4252CZ8/CZ12/CZ16: 40 Ω channel series resistance, 12 pF (at 2.5 V DC) channel
capacitance
I IP4253CZ8/CZ12/CZ16: 200 Ω channel series resistance, 30 pF (at 2.5 V DC)
channel capacitance
I IP4254CZ8/CZ12/CZ16: 100 Ω channel series resistance, 30 pF (at 2.5 V DC)
channel capacitance
I ESD protection to ±30 kV contact discharge according to IEC 61000-4-2 standard far
exceeding level 4
I MicroPak (QFN compatible) plastic package with 0.4 mm pitch
1.3 Applications
I General purpose ElectroMagnetic Interference (EMI) and Radio-Frequency
Interference (RFI) filtering and downstream ESD protection for:
N Cellular and Personal Communication System (PCS) mobile handsets
N Cordless telephones
N Wireless data (WAN/LAN) systems
N PDAs
IP4251/52/53/54
Integrated 4-, 6- and 8-channel passive filter network with
ESD protection to IEC 61000-4-2, level 4
Rev. 03 — 6 May 2009
Product data sheet


Similar Part No. - IP4253CZ16-8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4253CZ16-8-TTL PHILIPS-IP4253CZ16-8-TTL Datasheet
327Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
Rev. 2-5 May 2011
logo
Nexperia B.V. All right...
IP4253CZ16-8-TTL NEXPERIA-IP4253CZ16-8-TTL Datasheet
907Kb / 18P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection
More results

Similar Description - IP4253CZ16-8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4253CZ8 NXP-IP4253CZ8 Datasheet
59Kb / 10P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 02-8 November 2007
IP3088CX5 NXP-IP3088CX5 Datasheet
292Kb / 15P
   Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
logo
Nexperia B.V. All right...
IP3053CX5 NEXPERIA-IP3053CX5 Datasheet
609Kb / 16P
   Integrated 2, 4, 6 and 8-channel passive EMI-filter network with high-level ESD protection to IEC 61000-4-2 level 4
IP3048CX5 NEXPERIA-IP3048CX5 Datasheet
476Kb / 12P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
logo
NXP Semiconductors
IP3047CX6 NXP-IP3047CX6 Datasheet
273Kb / 11P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 2-23 November 2010
IP4041CX25 NXP-IP4041CX25 Datasheet
242Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP4337CX18 NXP-IP4337CX18 Datasheet
78Kb / 12P
   7-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
IP4338CX24 NXP-IP4338CX24 Datasheet
90Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
IP4035CX24 NXP-IP4035CX24 Datasheet
245Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP3337CX18 NXP-IP3337CX18 Datasheet
97Kb / 13P
   7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com