Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP4286CZ6-TBF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IP4286CZ6-TBF
Description  Integrated 4-channel ESD protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4286CZ6-TBF Datasheet(HTML) 4 Page - NXP Semiconductors

  IP4286CZ6-TBF Datasheet HTML 1Page - NXP Semiconductors IP4286CZ6-TBF Datasheet HTML 2Page - NXP Semiconductors IP4286CZ6-TBF Datasheet HTML 3Page - NXP Semiconductors IP4286CZ6-TBF Datasheet HTML 4Page - NXP Semiconductors IP4286CZ6-TBF Datasheet HTML 5Page - NXP Semiconductors IP4286CZ6-TBF Datasheet HTML 6Page - NXP Semiconductors IP4286CZ6-TBF Datasheet HTML 7Page - NXP Semiconductors IP4286CZ6-TBF Datasheet HTML 8Page - NXP Semiconductors IP4286CZ6-TBF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IP4286CZ6_1
© NXP B.V. 2009. All rights reserved.
Objective data sheet
Rev. 01 — 20 April 2009
4 of 12
NXP Semiconductors
IP4286CZ6
Integrated 4-channel ESD protection
7.
Package outline
Fig 2.
Package outline SOT457 (TSOP6)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT457
SC-74
wB
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
scale
c
X
13
2
4
5
6
0
1
2 mm
Plastic surface-mounted package (TSOP6); 6 leads
SOT457
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
05-11-07
06-03-16


Similar Part No. - IP4286CZ6-TBF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4286CZ6-TBF NEXPERIA-IP4286CZ6-TBF Datasheet
343Kb / 14P
   Integrated 4-channel ESD protection
Rev. 2 - 1 September 2010
More results

Similar Description - IP4286CZ6-TBF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4286CZ6-TBF NEXPERIA-IP4286CZ6-TBF Datasheet
343Kb / 14P
   Integrated 4-channel ESD protection
Rev. 2 - 1 September 2010
logo
Socay Electornics Co., ...
EM2374K SOCAY-EM2374K Datasheet
363Kb / 3P
   4-Channel EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF4000MU ONSEMI-NUF4000MU_09 Datasheet
148Kb / 6P
   4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 3
NUF4211MN ONSEMI-NUF4211MN_09 Datasheet
166Kb / 6P
   4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
NUF4010MU ONSEMI-NUF4010MU_09 Datasheet
148Kb / 6P
   4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 4
logo
SeCoS Halbleitertechnol...
KS05V4 SECOS-KS05V4 Datasheet
337Kb / 3P
   Integrated ESD Protection array
KS05E4 SECOS-KS05E4_15 Datasheet
96Kb / 3P
   Integrated ESD Protection Array
KS05V4 SECOS-KS05V4_15 Datasheet
99Kb / 3P
   Integrated ESD Protection Array
KS05E4 SECOS-KS05E4 Datasheet
96Kb / 3P
   Integrated ESD Protection Array
logo
Littelfuse
NGB8204AN LITTELFUSE-NGB8204AN Datasheet
250Kb / 8P
   Integrated ESD Diode Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com