Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP4337CX18 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IP4337CX18
Description  7-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4337CX18 Datasheet(HTML) 2 Page - NXP Semiconductors

  IP4337CX18 Datasheet HTML 1Page - NXP Semiconductors IP4337CX18 Datasheet HTML 2Page - NXP Semiconductors IP4337CX18 Datasheet HTML 3Page - NXP Semiconductors IP4337CX18 Datasheet HTML 4Page - NXP Semiconductors IP4337CX18 Datasheet HTML 5Page - NXP Semiconductors IP4337CX18 Datasheet HTML 6Page - NXP Semiconductors IP4337CX18 Datasheet HTML 7Page - NXP Semiconductors IP4337CX18 Datasheet HTML 8Page - NXP Semiconductors IP4337CX18 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IP4337CX18LF_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2009
2 of 12
NXP Semiconductors
IP4337CX18/LF
7-channel integrated filter network with ESD input protection
2.
Pinning information
2.1 Pinning
2.2 Pin description
3.
Ordering information
Fig 1.
Pin configuration IP4337CX18/LF
008aaa185
IP4337CX18/LF
Transparent top view
bump A1
index area
12345
A
B
C
D
Table 1.
Pinning
Pin
Description
A2 and A5
filter channel 1
A1 and A4
filter channel 2
B1 and B5
filter channel 3
C2 and C5
filter channel 4
C1 and C4
filter channel 5
D2 and D5
filter channel 6
D1 and D4
filter channel 7
A3, B3, C3, D3
ground
B2 and B4
no balls
Table 2.
Ordering information
Type number
Package
Name
Description
Version
IP4337CX18/LF
WLCSP18
wafer level chip-size package; 18 bumps; 1.96
× 1.61 × 0.61 mm
IP4337CX18/LF


Similar Part No. - IP4337CX18

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4338CX24 NXP-IP4338CX24 Datasheet
90Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
IP4338CX24/LF NXP-IP4338CX24/LF Datasheet
90Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
More results

Similar Description - IP4337CX18

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP3337CX18 NXP-IP3337CX18 Datasheet
97Kb / 13P
   7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 November 2008
IP3337CX18 NXP-IP3337CX18_09 Datasheet
92Kb / 12P
   7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-10 March 2009
IP4041CX25 NXP-IP4041CX25 Datasheet
242Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP4338CX24 NXP-IP4338CX24 Datasheet
90Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
IP4035CX24 NXP-IP4035CX24 Datasheet
245Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP3338CX24 NXP-IP3338CX24_09 Datasheet
97Kb / 12P
   10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-10 March 2009
IP3338CX24 NXP-IP3338CX24 Datasheet
103Kb / 13P
   10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-13 November 2008
logo
Nexperia B.V. All right...
IP3048CX5 NEXPERIA-IP3048CX5 Datasheet
476Kb / 12P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
logo
NXP Semiconductors
IP3047CX6 NXP-IP3047CX6 Datasheet
273Kb / 11P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 2-23 November 2010
IP5306CX8 NXP-IP5306CX8 Datasheet
247Kb / 15P
   Integrated differential microphone filter with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com