Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM311 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM311
Description  DIFFERENTIAL COMPARATORS WITH STROBES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM311 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM311 Datasheet HTML 7Page - Texas Instruments LM311 Datasheet HTML 8Page - Texas Instruments LM311 Datasheet HTML 9Page - Texas Instruments LM311 Datasheet HTML 10Page - Texas Instruments LM311 Datasheet HTML 11Page - Texas Instruments LM311 Datasheet HTML 12Page - Texas Instruments LM311 Datasheet HTML 13Page - Texas Instruments LM311 Datasheet HTML 14Page - Texas Instruments LM311 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LM111, LM211, LM311
DIFFERENTIAL COMPARATORS WITH STROBES
SLCS007H − SEPTEMBER 1973 − REVISED AUGUST 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 11 through Figure 29 show various applications for the LM111, LM211, and LM311 comparators.
Figure 11. 100-kHz Free-Running Multivibrator
VCC+
39 k
Ω
1200 pF
20 k
Ω
1 k
Ω
10 k
Ω
20 k
Ω
Square Wave
Output
(fanout to two
Series 54 gates,
or equivalent)
NOTE: If offset balancing is not used,
the BALANCE and BAL/STRB
pins should be shorted together.
Figure 12. Offset Balancing
3 k
Ω
3 k
Ω
VCC+
BALANCE
BAL/
STRB
Figure 13. Strobing
1 k
Ω
BAL/STRB
TTL
Strobe
2N2222
NOTE: Do not connect strobe pin
directly to ground, because the
output is turned off whenever
current is pulled from the strobe
pin.
Figure 14. Zero-Crossing Detector
VCC+
Input
VCC−
20 k
Ω
Output


Similar Part No. - LM311

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM311 NSC-LM311 Datasheet
1Mb / 23P
   Voltage Comparator
logo
ON Semiconductor
LM311 ONSEMI-LM311 Datasheet
121Kb / 10P
   Single Comparators
July, 2005 ??Rev. 5
logo
Texas Instruments
LM311 TI1-LM311 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
logo
ON Semiconductor
LM311 ONSEMI-LM311 Datasheet
174Kb / 8P
   HIGH PERFORMANCE VOLTAGE COMPARATORS
1996 Rev 5
logo
Seoul Semiconductor
LM311 SEOUL-LM311 Datasheet
376Kb / 14P
   INFRARED LAMP LED
More results

Similar Description - LM311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM111 TI-LM111 Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com