Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2530F64RHAR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC2530F64RHAR
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2530F64RHAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2530F64RHAR Datasheet HTML 2Page - Texas Instruments CC2530F64RHAR Datasheet HTML 3Page - Texas Instruments CC2530F64RHAR Datasheet HTML 4Page - Texas Instruments CC2530F64RHAR Datasheet HTML 5Page - Texas Instruments CC2530F64RHAR Datasheet HTML 6Page - Texas Instruments CC2530F64RHAR Datasheet HTML 7Page - Texas Instruments CC2530F64RHAR Datasheet HTML 8Page - Texas Instruments CC2530F64RHAR Datasheet HTML 9Page - Texas Instruments CC2530F64RHAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
RF TRANSMIT SECTION
CC2530F32, CC2530F64, CC2530F128, CC2530F256
SWRS081A – APRIL 2009 – REVISED APRIL 2009 .......................................................................................................................................................... www.ti.com
RF RECEIVE SECTION (continued)
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C, VDD = 3 V, and fc = 2440 MHz, unless
otherwise noted.
Boldface limits apply over the entire operating range, TA = –40°C to 125°C, VDD = 2 V to 3.6 V, and fc = 2394 MHz to
2507 MHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Spurious emission. Only largest spurious
emission stated within each band.
Conducted measurement with a 50-
Ω single-ended load.
Suitable for systems targeting compliance with EN 300 328,
dBm
30 MHz–1000 MHz
<
EN 300 440, FCC CFR47 Part 15 and ARIB STD-T-66.
–80
1 GHz–12.75 GHz
–57
Frequency error tolerance(1)
[1] requires minimum 80 ppm
±150
ppm
Symbol rate error tolerance(2)
[1] requires minimum 80 ppm
±1000
ppm
(1)
Difference between center frequency of the received RF signal and local oscillator frequency.
(2)
Difference between incoming symbol rate and the internally generated symbol rate
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C, VDD = 3 V and fc = 2440 MHz, unless
otherwise noted.
Boldface limits apply over the entire operating range, TA = –40°C to 125°C, VDD = 2 V to 3.6 V and fc = 2394 MHz to 2507
MHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Delivered to a single-ended 50-
Ω load through a balun using
0
4.5
8
maximum-recommended output-power setting
Nominal output power
dBm
–8
10
[1] requires minimum –3 dBm
Programmable output power
32
dB
range
Spurious emissions
Max recommended output power setting(1)
Measured conducted
25 MHz–1000 MHz (outside restricted bands)
–60
according to stated
25 MHz–2400 MHz (within FCC restricted bands)
–60
regulations. Only largest
25 MHz–1000 MHz (within ETSI restricted bands)
–60
spurious emission stated
1800–1900 MHz (ETSI restricted band)
–57
within each band.
5150–5300 MHz (ETSI restricted band)
–55
dBm
At 2 × fc and 3 × fc (FCC restricted band)
–42
At 2 × fc and 3 × fc (ETSI EN 300-440 and EN 300-328)
(2)
–31
1 GHz–12.75 GHz (outside restricted bands)
–53
At 2483.5 MHz and above (FCC restricted band)
fc= 2480 MHz
(3)
–42
Measured as defined by [1] using maximum-recommended
output-power setting
Error vector magnitude (EVM)
2%
[1] requires maximum 35%.
Differential impedance as seen from the RF port (RF_P and RF_N)
Optimum load impedance
69 + j29
towards the antenna
(1)
Texas Instruments CC2530 EM reference design is suitable for systems targeting compliance with EN 300 328, EN 300 440, FCC
CFR47 Part 15 and ARIB STD-T-66.
(2)
Margins for passing conducted requirements at the third harmonic can be improved by using a simple band-pass filter connected
between matching network and RF connector (1.8 pF in parallel with 1.6 nH); this filter must be connected to a good RF ground.
(3)
Margins for passing FCC requirements at 2483.5 MHz and above when transmitting at 2480 MHz can be improved by using a lower
output-power setting or having less than 100% duty cycle.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CC2530F32 CC2530F64 CC2530F128 CC2530F256


Similar Part No. - CC2530F64RHAR

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F64RHAR APLUS-CC2530F64RHAR Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F64RHAR TI-CC2530F64RHAR Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F64RHAR TI-CC2530F64RHAR Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F64RHAR TI-CC2530F64RHAR Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F64RHAR TI1-CC2530F64RHAR Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2530F64RHAR

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_1 Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com