Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2530F128RHAT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC2530F128RHAT
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2530F128RHAT Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2530F128RHAT Datasheet HTML 7Page - Texas Instruments CC2530F128RHAT Datasheet HTML 8Page - Texas Instruments CC2530F128RHAT Datasheet HTML 9Page - Texas Instruments CC2530F128RHAT Datasheet HTML 10Page - Texas Instruments CC2530F128RHAT Datasheet HTML 11Page - Texas Instruments CC2530F128RHAT Datasheet HTML 12Page - Texas Instruments CC2530F128RHAT Datasheet HTML 13Page - Texas Instruments CC2530F128RHAT Datasheet HTML 14Page - Texas Instruments CC2530F128RHAT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
SPI AC CHARACTERISTICS
SCK
SSN
T0439-01
t
1
t
2
t
3
t
4
t
6
t
7
t
5
MO
(MasterOut,
SlaveIn)
MI
(MasterIn,
SlaveOut)
CC2530F32, CC2530F64, CC2530F128, CC2530F256
www.ti.com .......................................................................................................................................................... SWRS081A – APRIL 2009 – REVISED APRIL 2009
TA = –40°C to 125°C, VDD = 2 V to 3.6 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
SCK period
Master, Rx and Tx
250
ns
SCK duty cycle
Master
50%
t2
SSN low to SCK
Master
63
ns
t3
SCK to SSN high
Master
63
ns
t4
MO early out
Master, load = 10 pF
7
ns
t7
MO late out
Master, load 10 = pF
10
ns
t6
MI setup
Master
90
ns
t5
MI hold
Master
10
ns
t1
SCK period
Slave, Rx and Tx
250
ns
SCK duty cycle
Slave
50%
t2
SSN low to SCK
Slave
63
ns
t3
SCK to SSN high
Slave
63
ns
t6
MO setup
Slave
35
ns
t5
MO hold
Slave
10
ns
t5
MI late out
Slave, load = 10 pF
95
ns
Master, Tx only
8
Master, Rx and Tx
4
Operating frequency
MHz
Slave, Rx only
8
Slave, Rx and Tx
4
Figure 2. SPI AC Characteristics
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CC2530F32 CC2530F64 CC2530F128 CC2530F256


Similar Part No. - CC2530F128RHAT

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F128RHAT APLUS-CC2530F128RHAT Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F128RHAT TI-CC2530F128RHAT Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F128RHAT TI-CC2530F128RHAT Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F128RHAT TI-CC2530F128RHAT Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F128RHAT TI1-CC2530F128RHAT Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2530F128RHAT

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_1 Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com