Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8332IBPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8332IBPWR
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8332IBPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8332IBPWR Datasheet HTML 7Page - Texas Instruments ADS8332IBPWR Datasheet HTML 8Page - Texas Instruments ADS8332IBPWR Datasheet HTML 9Page - Texas Instruments ADS8332IBPWR Datasheet HTML 10Page - Texas Instruments ADS8332IBPWR Datasheet HTML 11Page - Texas Instruments ADS8332IBPWR Datasheet HTML 12Page - Texas Instruments ADS8332IBPWR Datasheet HTML 13Page - Texas Instruments ADS8332IBPWR Datasheet HTML 14Page - Texas Instruments ADS8332IBPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
ADS8331
ADS8332
www.ti.com
SBAS363 – DECEMBER 2009
ADS8331 PIN DESCRIPTIONS
PIN NO.
NAME
TSSOP
QFN
I/O
DESCRIPTION
ADCIN
21
18
I
ADC input
AGND
20
17
Analog ground
DGND
14
11
Digital interface ground
COM
23
20
I
Common ADC input (usually connected to AGND)
CONVST
15
12
I
Conversion start. Freezes sample and hold, starts conversion.
Status output. If programmed as end-of-conversion (EOC), this pin is low (default) when a
conversion is in progress. If programmed as an interrupt (INT), this pin is low (default) after
EOC/INT/CDI
9
6
O/O/I
the end of conversion and returns high after FS/CS goes low. The polarity of EOC or INT is
programmable.
This pin can also be used as a chain data input (CDI) when operated in daisy-chain mode.
FS/CS
11
8
I
Frame sync signal for DSP (such as TMS320™ DSP) or chip select input for SPI.
IN[0:3]
1-3, 24
21-24
I
Mux inputs
NC
4-7
1-4
No connection
MUXOUT
22
19
O
Mux output
REF+
18
15
I
External reference input
External reference ground (connect to AGND through an individual via on the printed circuit
REF–
19
16
board)
RESET
8
5
I
External reset (active low)
SCLK
10
7
I
SPI clock for serial interface
SDI
12
9
I
SPI serial data in
SDO
13
10
O
SPI serial data out
VA
17
14
Analog supply, +2.7V to +5.5V
VBD
16
13
Digital interface supply
ADS8332 PIN DESCRIPTIONS
PIN NO.
NAME
TSSOP
QFN
I/O
DESCRIPTION
ADCIN
21
18
I
ADC input
AGND
20
17
Analog ground
DGND
14
11
Digital interface ground
COM
23
20
I
Common ADC input (usually connected to AGND)
CONVST
15
12
I
Conversion start. Freezes sample and hold, starts conversion.
Status output. If programmed as end-of-conversion (EOC), this pin is low (default) when a
conversion is in progress. If programmed as an interrupt (INT), this pin is low (default) after
EOC/INT/CDI
9
6
O/O/I
the end of conversion and returns high after FS/CS goes low. The polarity of EOC or INT is
programmable.
This pin can also be used as a chain data input (CDI) when operated in daisy-chain mode.
FS/CS
11
8
I
Frame sync signal for DSP (such as TMS320™ DSP) or chip select input for SPI.
IN[0:7]
1-7, 24
1-4,
Mux inputs
I
21-24
MUXOUT
22
19
O
Mux output
REF+
18
15
I
External reference input
External reference ground (connect to AGND through an individual via on the printed circuit
REF–
19
16
board)
RESET
8
5
I
External reset (active low)
SCLK
10
7
I
SPI clock for serial interface
SDI
12
9
I
SPI serial data in
SDO
13
10
O
SPI serial data out
VA
17
14
Analog supply, +2.7 V to +5.5 V
VBD
16
13
Digital interface supply
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS8331 ADS8332


Similar Part No. - ADS8332IBPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8332IBPWR TI-ADS8332IBPWR Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8332IBPWR TI-ADS8332IBPWR Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8332IBPWR TI1-ADS8332IBPWR Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8332IBPWR TI1-ADS8332IBPWR Datasheet
1Mb / 57P
[Old version datasheet]   Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
More results

Similar Description - ADS8332IBPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8331 TI1-ADS8331_14 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_10 Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8331_1007 TI-ADS8331_1007 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI-ADS8331 Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_15 Datasheet
1Mb / 57P
[Old version datasheet]   Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com