Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4051-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4051-Q1
Description  ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4051-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC4051-Q1 Datasheet HTML 2Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 3Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 4Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 5Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 6Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 7Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 8Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 9Page - Texas Instruments CD74HC4051-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CD74HC4051-Q1
ANALOG MULTIPLEXER/DEMULTIPLEXER
SCLS552A − DECEMBER 2003 − REVISED APRIL 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
analog channel characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VEE
VCC
MIN
TYP
MAX
UNIT
CI
Switch input capacitance
5
pF
CCOM
Common output capacitance
25
pF
f
Minimum switch frequency
See Figure 3 and Figure 9, and
−2.25 V
2.25 V
145
MHz
fmax
Minimum switch frequency
response at −3 dB
See Figure 3 and Figure 9, and
Notes 6 and 7
−4.5 V
4.5 V
180
MHz
Sine wave distortion
See Figure 4
−2.25 V
2.25 V
0.035
%
Sine-wave distortion
See Figure 4
−4.5 V
4.5 V
0.018
%
E or ADDRESS SEL to
See Figure 5 and Notes 7 and 8
−2.25 V
2.25 V
(TBD)
mV
E or ADDRESS SEL to
switch feed-through noise
See Figure 5, and Notes 7 and 8
−4.5 V
4.5 V
(TBD)
mV
Switch OFF signal feed
See Figure 6 and Figure 10, and
−2.25 V
2.25 V
−73
dB
Switch OFF signal feed
through
See Figure 6 and Figure 10, and
Notes 7 and 8
−4.5 V
4.5 V
−75
dB
NOTES:
6. Adjust input voltage to obtain 0 dBm at VOS for fIN = 1 MHz.
7. VIS is centered at (VCC − VEE)/2.
8. Adjust input for 0 dBm.
PARAMETER MEASUREMENT INFORMATION
VIS
Figure 3. Frequency-Response Test Circuit
50
10 pF
Switch
ON
dB
Meter
VCC
VCC/2
0.1
mF
VOS
Figure 4. Sine-Wave Distortion Test Circuit
10 k
50 pF
Switch
ON
Distortion
Meter
VCC
VCC/2
10
mF
Sine
Wave
VIS
VOS
VIS
VI = VIH
fIS = 1 kHz to 10 kHz


Similar Part No. - CD74HC4051-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4051-Q1 TI-CD74HC4051-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
More results

Similar Description - CD74HC4051-Q1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com