Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP3338CX24 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IP3338CX24
Description  10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP3338CX24 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IP3338CX24_09 Datasheet HTML 3Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 4Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 5Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 6Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 7Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 8Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 9Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 10Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IP3338CX24_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 March 2009
7 of 12
NXP Semiconductors
IP3338CX24
10-channel integrated LC-filter network with ESD input protection
8.
Package outline
Fig 7.
Package outline IP3338CX24/LF (WLCSP24)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
IP3338CX24/LF
ip3338cx24_lf_po
Unit
mm
max
nom
min
0.66
0.61
0.56
0.22
0.20
0.18
0.31
0.26
0.21
2.16
2.11
2.06
2.16
2.11
2.06
0.4
1.6
A
Dimensions
WLCSP24: wafer level chip-size package; 24 bumps; 2.11 x 2.11 x 0.61 mm
IP3338CX24/LF
A1
A2
0.41
bD
E
e
e1
1.6
e2
0
1
2 mm
scale
bump A1
index
B
A
D
E
X
detail X
A
A2
A1
e2
e1
e
e
b
E
D
C
B
A
12345
08-09-09
09-02-23


Similar Part No. - IP3338CX24_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP3338CX24/LF NXP-IP3338CX24/LF Datasheet
103Kb / 13P
   10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-13 November 2008
More results

Similar Description - IP3338CX24_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP3338CX24 NXP-IP3338CX24 Datasheet
103Kb / 13P
   10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-13 November 2008
IP4041CX25 NXP-IP4041CX25 Datasheet
242Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP4338CX24 NXP-IP4338CX24 Datasheet
90Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
IP3337CX18 NXP-IP3337CX18 Datasheet
97Kb / 13P
   7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 November 2008
IP3337CX18 NXP-IP3337CX18_09 Datasheet
92Kb / 12P
   7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-10 March 2009
IP4035CX24 NXP-IP4035CX24 Datasheet
245Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP4337CX18 NXP-IP4337CX18 Datasheet
78Kb / 12P
   7-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
IP3048CX5 NEXPERIA-IP3048CX5 Datasheet
476Kb / 12P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
logo
NXP Semiconductors
IP3047CX6 NXP-IP3047CX6 Datasheet
273Kb / 11P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 2-23 November 2010
IP3088CX5 NXP-IP3088CX5 Datasheet
292Kb / 15P
   Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com