Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B58623K1110A061 Datasheet(PDF) 6 Page - EPCOS

Part # B58623K1110A061
Description  Pressure transmitters for PCB mounting (voltage output)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B58623K1110A061 Datasheet(HTML) 6 Page - EPCOS

  B58623K1110A061 Datasheet HTML 1Page - EPCOS B58623K1110A061 Datasheet HTML 2Page - EPCOS B58623K1110A061 Datasheet HTML 3Page - EPCOS B58623K1110A061 Datasheet HTML 4Page - EPCOS B58623K1110A061 Datasheet HTML 5Page - EPCOS B58623K1110A061 Datasheet HTML 6Page - EPCOS B58623K1110A061 Datasheet HTML 7Page - EPCOS B58623K1110A061 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Pressure sensors
Pressure transmitters for PCB mounting (voltage output)
AC-T series
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 6 of 8
Important notes at the end of this document.
Symbols and terms
1)
Storage temperature range Tst
A storage of the pressure sensor within the temperature range Tst,min up to Tst,max
and without applied pressure and supply voltage will not affect the performance of the pressure sensor.
2)
Operating temperature range Ta
An operation of the pressure sensor within the temperature range Ta,min up to Ta,max
will not affect the performance of the pressure sensor.
3)
Compensated temperature range Tc
While operating the pressure sensor within the temperature range Tc,min up to Tc,max,
the deviation of the output signal from the values at 25 °C will not exceed the temperature coefficients.
Out of the compensated temperature range, the deviations may increase.
4)
Rated pressure pr
Within the rated pressure range 0 up to pr (symmetrical output: –pr up to +pr) the signal output characteristic corresponds
to this specification.
5)
Overpressure pOV
Pressure cycles within the pressure range 0 up to pov will not affect the performance of the pressure sensor.
6)
Supply voltage VCC
VCC,max is the maximum permissible supply voltage, which can be applied without damages.
VCC,min is the minimum required supply voltage, which has to be applied for normal operation.
7)
Signal output current IA
IA,max is the maximum permissible sink current of the signal output.
Exceeding (e.g. short circuit) may cause irreparable damages.
8)
DC break down voltage Vis
The pressure sensor withstands a high voltage between the stainless steel pressure connection and the electrical
connection VCC, VA and GND (all short circuited) without damage.
9)
Offset VA0
The offset VA0 is the signal output VA(p = 0) at zero pressure.
10) Signal span (Full Scale)
Simple output:
VFS = FS = VA(pr) – VA0
Symmetrical output:
VFS = FS = VA(+pr) – VA(–pr)
11) Nonlinearity L (including pressure hysteresis)
The nonlinearity is the deviation of the real sensor characteristic VA = f(p) from the ideal straight line.
It can be approximated by a polynomial of second order, with the maximum at px = pr / 2 .
The equation to calculate the nonlinearity is:
r
x
0
A
r
A
0
A
x
A
p
p
V
)
p
(
V
V
)
p
(
V
L
=
12) Response time t
10-90
Delay between a pressure change (10 ... 90% pr) and the corresponding signal output change (10 ... 90% FS).
13) Supply voltage rejection SVR
While varying the supply voltage within the range VCC,min up to VCC,max at constant pressure and temperature,
the signal output change will not exceed SVRmax.
14) Temperature hysteresis
The temperature hysteresis is the change of offset, starting from the value at 25 °C after a temperature change
and return to 25 °C. Determined during temperature cycles in operating temperature range (cycles with 1 K/min).
15) Temperature coefficient of offset TCV
A0
Offset at temperature Tx: VA0(Tx) = VA0(25 °C) + VFS(25 °C) · (Tx – 25 °C) · TCVA0
Values are valid within the compensated temperature range Tc,min up to Tc,max
Out of the compensated temperature range, the deviation may increase.
16) Temperature coefficient of span TCV
FS
Span at temperature Tx: VFS(Tx) = VFS(25 °C) · [ 1 + (Tx – 25 °C) · TCVFS ]
Values are valid within the compensated temperature range Tc,min up to Tc,max
Out of the compensated temperature range, the deviation may increase.


Similar Part No. - B58623K1110A061

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58623K1110A061 EPCOS-B58623K1110A061 Datasheet
137Kb / 8P
   Pressure sensors Pressure transmitters for PCB mounting (voltage output)
More results

Similar Description - B58623K1110A061

ManufacturerPart #DatasheetDescription
logo
EPCOS
B58620L1110A052 EPCOS-B58620L1110A052 Datasheet
137Kb / 8P
   Pressure sensors Pressure transmitters for PCB mounting (voltage output)
B58620A0010A001 EPCOS-B58620A0010A001 Datasheet
169Kb / 7P
   Pressure sensors Barometric pressure transmitters for SMT (voltage output)
MINICELL EPCOS-MINICELL Datasheet
65Kb / 7P
   Pressure sensors Media-separated pressure transmitters (voltage output)
logo
Sensortechnics GmbH
OXYPROOF-M SENSORTECHNICS-OXYPROOF-M Datasheet
64Kb / 5P
   Pressure transmitters for oxygen applications
BTE001G0 SENSORTECHNICS-BTE001G0 Datasheet
93Kb / 6P
   Pressure transmitters
logo
EPCOS
ASRSERIES EPCOS-ASRSERIES Datasheet
398Kb / 16P
   Gauge pressure transmitters for SMT
logo
Sensortechnics GmbH
OXYPROOF-K SENSORTECHNICS-OXYPROOF-K Datasheet
76Kb / 5P
   Pressure transmitters for oxygen applications
logo
EPCOS
ASBSERIES EPCOS-ASBSERIES Datasheet
331Kb / 16P
   Barometric pressure transmitters for SMT
logo
Sensortechnics GmbH
CTEM70010GD0 SENSORTECHNICS-CTEM70010GD0 Datasheet
119Kb / 6P
   Miniature pressure transmitters
CTE8001GD0 SENSORTECHNICS-CTE8001GD0 Datasheet
244Kb / 6P
   OEM pressure transmitters for industrial media
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com