Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT3M-100P-40H03 Datasheet(PDF) 7 Page - Hirose Electric

Part # IT3M-100P-40H03
Description  High-Speed(10Gbps) BGA Mezzanine Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

IT3M-100P-40H03 Datasheet(HTML) 7 Page - Hirose Electric

Back Button IT3M-100P-40H03 Datasheet HTML 3Page - Hirose Electric IT3M-100P-40H03 Datasheet HTML 4Page - Hirose Electric IT3M-100P-40H03 Datasheet HTML 5Page - Hirose Electric IT3M-100P-40H03 Datasheet HTML 6Page - Hirose Electric IT3M-100P-40H03 Datasheet HTML 7Page - Hirose Electric IT3M-100P-40H03 Datasheet HTML 8Page - Hirose Electric IT3M-100P-40H03 Datasheet HTML 9Page - Hirose Electric IT3M-100P-40H03 Datasheet HTML 10Page - Hirose Electric IT3M-100P-40H03 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IT3 SeriesqHigh-Speed(10
+Gbps) BGA Mezzanine Connectors
7
sReceptacle
A
Shown: 200 position mating receptacle, IT3M-200S-BGA
*Unit: mm
Contact Positions
100
(100 signals/90 grounds)
180
(180 signals/162 grounds)
200
(200 signals/180 grounds)
300
(300 signals/270 grounds)
CL No.
A
636-0013-1-37
636-0013-1-57
636-0014-4-37
636-0014-4-57
636-0011-6-37
636-0011-6-57
636-0012-9-37
636-0012-9-57
636-0003-8-37
636-0003-8-57
636-0004-0-37
636-0004-0-57
636-0007-9-37
636-0007-9-57
636-0008-1-37
636-0008-1-57
21.0
38.5
56.0
Pb-free (SAC305) solder
SnPb solder
Pb-free (SAC305) solder
SnPb solder
Pb-free (SAC305) solder
SnPb solder
Pb-free (SAC305) solder
SnPb solder
Pb-free (SAC305) solder
SnPb solder
Pb-free (SAC305) solder
SnPb solder
Pb-free (SAC305) solder
SnPb solder
Pb-free (SAC305) solder
SnPb solder
IT3D-100S-BGA(37)
IT3D-100S-BGA(57)
IT3M-100S-BGA(37)
IT3M-100S-BGA(57)
IT3D2-180S-BGA(37)
IT3D2-180S-BGA(57)
IT3M2-180S-BGA(37)
IT3M2-180S-BGA(57)
IT3D-200S-BGA(37)
IT3D-200S-BGA(57)
IT3M-200S-BGA(37)
IT3M-200S-BGA(57)
IT3D-300S-BGA(37)
IT3D-300S-BGA(57)
IT3M-200S-BGA(37)
IT3M-200S-BGA(57)
Type
Solder Ball Material
Part Number
Mating
Receptacle
Mounting
Receptacle
Mating
Receptacle
Mounting
Receptacle
Mating
Receptacle
Mounting
Receptacle
Mating
Receptacle
Mounting
Receptacle


Similar Part No. - IT3M-100P-40H03

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT3M-200S-BGA HIROSE-IT3M-200S-BGA Datasheet
604Kb / 11P
   IT3 Test Vehicle Assembly Yield Test
IT3M-300S-BGA HIROSE-IT3M-300S-BGA Datasheet
167Kb / 6P
   IT3D(M)-300S-BGA (37) Lead-Free
IT3M-300S-BGA HIROSE-IT3M-300S-BGA Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
IT3M-300S-BGA HIROSE-IT3M-300S-BGA Datasheet
604Kb / 11P
   IT3 Test Vehicle Assembly Yield Test
IT3M-300S-BGA HIROSE-IT3M-300S-BGA Datasheet
1Mb / 16P
   IT3D(M)-300S-BGA (57) Cross Sectioning TEST REPORT
More results

Similar Description - IT3M-100P-40H03

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75003-0305 MOLEX-75003-0305 Datasheet
694Kb / 2P
   High Speed Mezzanine for 10.0 Gbps Bandwidth
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Molex Electronics Ltd.
SD-75005-001 MOLEX11-SD-75005-001 Datasheet
222Kb / 3P
   SALES DRAWING FOR HIGH SPEED MEZZANINE RECEPTACLE
logo
MolexKits
76650-0130 MOLEXKITS-76650-0130 Datasheet
42Kb / 2P
   High Speed Mezzanine Gold Plug and Receptacle
logo
OKI electronic componet...
KGL4201 OKI-KGL4201 Datasheet
445Kb / 24P
   10-Gbps GaAs Family High-Speed Optical Communications System
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
TE Connectivity Ltd
108-2246 TEC-108-2246 Datasheet
206Kb / 5P
   1.0 mm Mezzanine Connectors
logo
FCI connector
10118744-T133YZZLF FCI-CONNECTOR-10118744-T133YZZLF Datasheet
760Kb / 2P
   High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com