Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV85-C39 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BZV85-C39
Description  Voltage regulator diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZV85-C39 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BZV85-C39 Datasheet HTML 2Page - NXP Semiconductors BZV85-C39 Datasheet HTML 3Page - NXP Semiconductors BZV85-C39 Datasheet HTML 4Page - NXP Semiconductors BZV85-C39 Datasheet HTML 5Page - NXP Semiconductors BZV85-C39 Datasheet HTML 6Page - NXP Semiconductors BZV85-C39 Datasheet HTML 7Page - NXP Semiconductors BZV85-C39 Datasheet HTML 8Page - NXP Semiconductors BZV85-C39 Datasheet HTML 9Page - NXP Semiconductors BZV85-C39 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BZV85_SER_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 10 November 2009
7 of 10
NXP Semiconductors
BZV85 series
Voltage regulator diodes
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 11.
[2]
The series consists of 33 types with nominal working voltages from 3.3 V to 75 V.
Fig 6.
Package outline SOD66 (DO-41)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD66
DO-41
sod066_po
97-06-20
09-10-09
Unit
mm
max
nom
min
0.81
2.6
25.4
b
Dimensions
Note
1. The marking band indicates the cathode.
Hermetically sealed glass package; axial leaded; 2 leads
SOD66
DG1
4.8
L
0
2
4 mm
scale
G1
L
L
b
(1)
k
a
D
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
10000
BZV85 series[2]
SOD66
52 mm tape ammopack, axial
-133
52 mm reel pack, axial
-113


Similar Part No. - BZV85-C39

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV85-C39 PHILIPS-BZV85-C39 Datasheet
53Kb / 8P
   Voltage regulator diodes
1999 May 11
logo
Nexperia B.V. All right...
BZV85-C39 NEXPERIA-BZV85-C39 Datasheet
1Mb / 10P
   Voltage regulator diodes
Rev. 03 - 10 November 2009
More results

Similar Description - BZV85-C39

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com