Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTL2007PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # GTL2007PW
Description  12-bit GTL to LVTTL translator with power good control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2007PW Datasheet(HTML) 5 Page - NXP Semiconductors

  GTL2007PW Datasheet HTML 1Page - NXP Semiconductors GTL2007PW Datasheet HTML 2Page - NXP Semiconductors GTL2007PW Datasheet HTML 3Page - NXP Semiconductors GTL2007PW Datasheet HTML 4Page - NXP Semiconductors GTL2007PW Datasheet HTML 5Page - NXP Semiconductors GTL2007PW Datasheet HTML 6Page - NXP Semiconductors GTL2007PW Datasheet HTML 7Page - NXP Semiconductors GTL2007PW Datasheet HTML 8Page - NXP Semiconductors GTL2007PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
GTL2007_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 16 February 2007
5 of 20
NXP Semiconductors
GTL2007
12-bit GTL to LVTTL translator with power good control
7.
Functional description
Refer to Figure 1 “Logic diagram of GTL2007”.
7.1 Function tables
[1]
1AO, 2AO, 3AO, 4AO and 5A/6A condition changed by ENn power good signal as described in Table 5 and
Table 6.
6BI
20
data input (GTL)
5BI
21
data input (GTL)
11BO
22
data output (GTL)
EN2
23
enable input (LVTTL)
7BO2
24
data output (GTL)
7BO1
25
data output (GTL)
2BI
26
data input (GTL)
1BI
27
data input (GTL)
VCC
28
positive supply voltage
Table 3.
Pin description …continued
Symbol
Pin
Description
Table 4.
GTL input signals
H = HIGH voltage level; L = LOW voltage level.
Input
Output[1]
1BI/2BI/3BI/4BI/9BI
1AO/2AO/3AO/4AO/9AO
LL
HH
Table 5.
EN1 power good signal
H = HIGH voltage level; L = LOW voltage level.
EN1
1AO and 2AO
5A
L
H
5BI disconnected
H
follows BI
5BI connected
Table 6.
EN2 power good signal
H = HIGH voltage level; L = LOW voltage level.
EN2
3AO and 4AO
6A
L
H
6BI disconnected
H
follows BI
6BI connected


Similar Part No. - GTL2007PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2007PW PHILIPS-GTL2007PW Datasheet
98Kb / 19P
   13-bit GTL to LVTTL translator with power good control
Rev. 01-2 June 2005
More results

Similar Description - GTL2007PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2007 PHILIPS-GTL2007 Datasheet
98Kb / 19P
   13-bit GTL to LVTTL translator with power good control
Rev. 01-2 June 2005
GTL2008 PHILIPS-GTL2008 Datasheet
116Kb / 20P
   12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
Rev. 02-26 September 2006
GTL2008 NXP-GTL2008 Datasheet
201Kb / 22P
   12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
Rev. 04-19 February 2010
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
GTL2004 PHILIPS-GTL2004 Datasheet
98Kb / 10P
   Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
1999 Jul 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com