Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTL2005PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # GTL2005PW
Description  Quad GTL/GTL to LVTTL/TTL bidirectional non-latched translator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2005PW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button GTL2005PW Datasheet HTML 2Page - NXP Semiconductors GTL2005PW Datasheet HTML 3Page - NXP Semiconductors GTL2005PW Datasheet HTML 4Page - NXP Semiconductors GTL2005PW Datasheet HTML 5Page - NXP Semiconductors GTL2005PW Datasheet HTML 6Page - NXP Semiconductors GTL2005PW Datasheet HTML 7Page - NXP Semiconductors GTL2005PW Datasheet HTML 8Page - NXP Semiconductors GTL2005PW Datasheet HTML 9Page - NXP Semiconductors GTL2005PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
GTL2005_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 3 February 2009
6 of 19
NXP Semiconductors
GTL2005
Quad GTL/GTL+ to LVTTL/TTL bidirectional non-latched translator
9.
Recommended operating conditions
[1]
Unused inputs must be held HIGH or LOW to prevent them from floating.
[2]
Vref is normally 23VTT, but based upon application and noise margin requirements can be set anywhere
within this range and does not need to follow GTL-/GTL/GTL+ specification.
[3]
Nominally
±50 mV around V
ref. See Figure 4, Figure 5, and Figure 6 for actual performance versus Vref,
VCC, and temperature.
Table 6.
Operating conditions [1]
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
3.0
3.3
3.6
V
VTT
termination voltage
GTL
0.85
0.9
0.95
V
GTL
1.14
1.2
1.26
V
GTL+
1.35
1.5
1.65
V
Vref
reference voltage
overall
[2] 0.5
2
3VTT
1.8
V
GTL
0.5
0.6
0.63
V
GTL
0.76
0.8
0.84
V
GTL+
0.87
1.0
1.10
V
VI
input voltage
A port
0
VTT
3.6
V
except A port
0
3.3
5.5
V
VIH
HIGH-level input voltage
A port
[3]
--V
except A port
2
-
-
V
VIL
LOW-level input voltage
A port
-
-
[3]
V
except A port
-
-
0.8
V
IOH
HIGH-level output current
B port
-
-
−12
mA
IOL
LOW-level output current
A port
-
-
40
mA
B port
-
-
12
mA
Tamb
ambient temperature
operating in
free-air
−40
-
+85
°C


Similar Part No. - GTL2005PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2005PW PHILIPS-GTL2005PW Datasheet
85Kb / 8P
   Quad GTL/GTL to LVTTL/TTL bidirectional non-latched translator
1999 Sep 17
GTL2005PWDH PHILIPS-GTL2005PWDH Datasheet
85Kb / 8P
   Quad GTL/GTL to LVTTL/TTL bidirectional non-latched translator
1999 Sep 17
More results

Similar Description - GTL2005PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2005 PHILIPS-GTL2005 Datasheet
85Kb / 8P
   Quad GTL/GTL to LVTTL/TTL bidirectional non-latched translator
1999 Sep 17
GTL2004 PHILIPS-GTL2004 Datasheet
98Kb / 10P
   Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
1999 Jul 19
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL2007 TI-SN74GTL2007 Datasheet
173Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com