Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSR800C Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZSR800C
Description  2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSR800C Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZSR800C Datasheet HTML 3Page - Zetex Semiconductors ZSR800C Datasheet HTML 4Page - Zetex Semiconductors ZSR800C Datasheet HTML 5Page - Zetex Semiconductors ZSR800C Datasheet HTML 6Page - Zetex Semiconductors ZSR800C Datasheet HTML 7Page - Zetex Semiconductors ZSR800C Datasheet HTML 8Page - Zetex Semiconductors ZSR800C Datasheet HTML 9Page - Zetex Semiconductors ZSR800C Datasheet HTML 10Page - Zetex Semiconductors ZSR800C Datasheet HTML 11Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ZSR
SERIES
ZSR285 ZSR300 ZSR400
ZSR570 ZSR900
ISSUE 3 - SEPTEMBER 2001
7
-50
-25
0
25
50
75
100
125
Temperature (˚C)
Peak Output Current v Temperature
500
400
300
200
100
0
-50
-25
0
25
50
75
100 125
Temperature (˚C)
Io=100mA
Io=200mA
2.5
2.0
1.5
1.0
0.5
0
Drop-Out Voltage v Temperature
-50
-25
0
25
50
75
100 125
Temperature (˚C)
450
400
350
300
250
Quiescent Current v Temperature
Io= 0
Vin=Vo+ 4V
-50
-25
0
25
50
75
100
125
Temperature (˚C)
Output Voltage Temperature Coefficient
9.08
9.04
9.00
8.96
8.92
Vin= Vo+ 4V
Io= 5mA
-50
-25
0
25
50
75
100
125
2.85
2.82
Temperature (˚C)
Output Voltage Temperature Coefficient
2.84
2.86
5.70
5.66
-50
-25
0
25
50
75
100 125
Temperature (˚C)
Output Voltage Temperature Coefficient
4.00
3.96
ZSR400
ZSR570
3.98
3.94
5.68
5.72
ZSR900
2.99
3.00
3.01
2.98
ZSR285
ZSR300
Io= 5mA
Vin= Vo+ 4V
Io= 5mA
Vin= Vo+ 4V
Vo=0
Vin=10V
TYPICAL CHARACTERISTICS


Similar Part No. - ZSR800C

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSR800C ZETEX-ZSR800C Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
More results

Similar Description - ZSR800C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSAT600 DIODES-ZSAT600 Datasheet
86Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com